Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2T6 Datasheet(PDF) 102 Page - STMicroelectronics

Part # ST10F269Z2T6
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2T6 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button ST10F269Z2T6 Datasheet HTML 98Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 99Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 100Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 101Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 102Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 103Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 104Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 105Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 184 page
background image
14 - SERIAL CHANNELS
ST10F269
102/184
Baud Rate Generation
The Baud rate generator is clocked by fCPU/2. The
timer is counting downwards and can be started
or stopped through the global enable bit SSCEN
in register SSCCON. Register SSCBR is the
dual-function
Baud
Rate
Generator/Reload
register. Reading SSCBR, while the SSC is
enabled, returns the content of the timer. Reading
SSCBR, while the SSC is disabled, returns the
programmed reload value. In this mode the
desired reload value can be written to SSCBR.
Note
Never write to SSCBR, while the SSC is
enabled.
The formulas below calculate the resulting Baud
rate for a given reload value and the required
reload value for a given Baud rate:
(SSCBR) represents the content of the reload
register, taken as unsigned 16-bit integer.
Table 32 lists some possible Baud rates against
the required reload values and the resulting bit
times for a 40MHz CPU clock.
Table 33 lists some possible Baud rates against
the required reload values and the resulting bit
times for a 32MHz CPU clock.
.
Table 32 : Synchronous Baud Rate and Reload
Values (PQFP144 devices)
Baud Rate
Bit Time
Reload Value
Reserved use a
reload value > 0.
---
---
10M Baud
100ns
0001h
5M Baud
200ns
0003h
2.5M Baud
400ns
0007h
1M Baud
1
µs
0013h
100K Baud
10
µs
00C7h
10K Baud
100
µs
07CFh
1K Baud
1ms
4E1Fh
306 Baud
3.26ms
FF4Eh
Baud rateSSC =
fCPU
2 x [(SSCBR) + 1]
SSCBR = (
fCPU
2 x Baud rateSSC
) - 1
Table 33 : Synchronous Baud Rate and Reload
Values (TQFP144 devices)
Baud Rate
Bit Time
Reload Value
Reserved use a
reload value > 0.
---
---
8MBaud
125ns
0001h
4MBaud
250ns
0003h
2MBaud
500ns
0007h
1MBaud
1
µs000Fh
500KBaud
2
µs001Fh
100KBaud
10
µs009Fh
10KBaud
100
µs030Ch
1K Baud
1ms
3E7Fh
244.14 Baud
5.24ms
FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com