Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2T6 Datasheet(PDF) 104 Page - STMicroelectronics

Part # ST10F269Z2T6
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2T6 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button ST10F269Z2T6 Datasheet HTML 100Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 101Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 102Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 103Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 104Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 105Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 106Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 107Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 184 page
background image
15 - CAN MODULES
ST10F269
104/184
The ST10F269 also supports single CAN Bus
multiple (dual) interfaces using the open drain
option of the CANx_TxD output as shown in
Figure 48. Thanks to the OR-Wired Connection,
only one transceiver is required. In this case the
design of the application must take in account the
wire length and the noise environment.
Multiple CAN Bus
The ST10F269 provides 2 CAN interfaces to
support such kind of bus configuration as shown
in Figure 49.
Figure 48 : Single CAN Bus, Dual Interfaces,
Single Transceiver
Figure 49 : Connection to Two Different CAN
Buses (e.g. for gateway application)
CAN1
RxD TxD
CAN2
RxD
TxD
CAN
Transceiver
CAN_H
CAN_H
CAN bus
* Open drain output
+5V
2.7k
Ω
*
*
CAN1
RxD TxD
CAN2
RxD TxD
CAN
Transceiver
CAN
Transceiver
CAN_H
CAN_H
CAN
CAN
bus 2
bus 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com