Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2T6 Datasheet(PDF) 109 Page - STMicroelectronics

Part # ST10F269Z2T6
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2T6 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button ST10F269Z2T6 Datasheet HTML 105Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 106Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 107Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 108Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 109Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 110Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 111Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 112Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 184 page
background image
ST10F269
16 - REAL TIME CLOCK
109/184
When RTCD increments to reach 00000h, The 20-bit word stored into RTCPH, RTCPL registers is loaded
in RTCD.
Bit 15 to bit 4 of RTCPH and RTCDH are not
used. When reading, the return value of those bit
will be zeros.
16.1.4 - RTCH & RTCL: RTC Programmable
COUNTER Registers
The RTC has 2 x 16-bit programmable counters
which count rate is based on the basic time
reference (for example 1 second). As the clock
oscillator may be kept working, even in power
down mode, the RTC counters may be used as a
system clock. In addition RTC counters and
registers are not modified at any system reset.
The only way to force their value is to write them
via the XBUS.
Those counters are write protected as well. The
bit RTOFF of the RTCCON register must be set
(RTC dividers and counters are stopped) to
enable a write operation on RTCH or RTCL.
A write operation on RTCH or RTCL register loads
directly the corresponding counter. When reading,
the current value in the counter (system date) is
returned.
The counters keeps on running while the clock
oscillator is working.
RTCL (EC0Eh)
XBUS
Reset Value: XXXXh
RTCH (EC10h)
XBUS
Reset Value: XXXXh
Note: Those registers are nor reset
Figure 53 : DIVIDER Counters
3
2
1
0
7
6
5
4
11 10 9
8
15 14 13 12
3
2
1
0
RTCDH
RTCDL
3
2
1
0
7
6
5
4
11 10 9
8
15 14 13 12
19 18 17 16
20 bit word internal value of the Prescaler divider
15
14
13
12
11
10
9876543210
RTCL
RW
15
14
13
12
11
10
9876543210
RTCH
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com