Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2T6 Datasheet(PDF) 112 Page - STMicroelectronics

Part # ST10F269Z2T6
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2T6 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button ST10F269Z2T6 Datasheet HTML 108Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 109Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 110Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 111Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 112Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 113Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 114Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 115Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 184 page
background image
17 - WATCHDOG TIMER
ST10F269
112/184
17 - WATCHDOG TIMER
The Watchdog Timer is a fail-safe mechanism
which
prevents
the
microcontroller
from
malfunctioning for long periods of time.
The Watchdog Timer is always enabled after a
reset of the chip and can only be disabled in the
time interval until the EINIT (end of initialization)
instruction has been executed.
Therefore, the chip start-up procedure is always
monitored. The software must be designed to
service the watchdog timer before it overflows. If,
due to hardware or software related failures, the
software fails to do so, the watchdog timer
overflows and generates an internal hardware
reset. It pulls the RSTOUT pin low in order to allow
external hardware components to be reset.
Each of the different reset sources is indicated in
the WDTCON register.
The indicated bits are cleared with the EINIT
instruction. The origin of the reset can be
identified during the initialization phase.
WDTCON (FFAEh / D7h)
SFR
Reset Value: 00xxh
Notes: 1. More than one reset indication flag may be set. After EINIT, all flags are cleared.
2. Power-on is detected when a rising edge from VDD = 0 V to VDD > 2.0 V is recognized on the internal 3.3V supply.
3. These bits cannot be directly modified by software.
15
14
13
12
11
10
9
8
765
4321
0
WDTREL
-
-
PONR LHWR SHWR
SWR
WDTR WDTIN
RW
HR
HR
HR
HR
HR
RW
WDTIN
Watchdog Timer Input Frequency Selection
‘0’: Input Frequency is fCPU/2.
‘1’: Input Frequency is fCPU/128.
WDTR1-3
Watchdog Timer Reset Indication Flag
Set by the watchdog timer on an overflow.
Cleared by a hardware reset or by the SRVWDT instruction.
SWR1-3
Software Reset Indication Flag
Set by the SRST execution.
Cleared by the EINIT instruction.
SHWR1-3
Short Hardware Reset Indication Flag
Set by the input RSTIN.
Cleared by the EINIT instruction.
LHWR1-3
Long Hardware Reset Indication Flag
Set by the input RSTIN.
Cleared by the EINIT instruction.
PONR1- 2-3
Power-On (Asynchronous) Reset Indication Flag
Set by the input RSTIN if a power-on condition has been detected.
Cleared by the EINIT instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com