Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2T6 Datasheet(PDF) 159 Page - STMicroelectronics

Part # ST10F269Z2T6
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2T6 Datasheet(HTML) 159 Page - STMicroelectronics

Back Button ST10F269Z2T6 Datasheet HTML 155Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 156Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 157Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 158Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 159Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 160Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 161Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 162Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 184 page
background image
ST10F269
159/184
Figure 74 : External Memory Cycle: Multiplexed Bus, With / Without Read / Write Delay, Extended ALE,
Read / Write Chip Select
Data Out
Address
Data In
Address
Address
t
5
t
16
t
6
t
7
t
46
t
42
t
42
t
50
t
18
t
56
t
6
t
54
t
44
t
19
t
25
t
17
t
43
t
45
t
47
t
48
t
49
t
49
t
43
t
48
t
44
t
45
Read Cycle
Write Cycle
CLKOUT
ALE
A23-A16
(A15-A8)
BHE
RdCSx
WrCSx
Address/Data
Bus (P0)
Address/Data
Bus (P0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com