Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2T6 Datasheet(PDF) 161 Page - STMicroelectronics

Part # ST10F269Z2T6
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2T6 Datasheet(HTML) 161 Page - STMicroelectronics

Back Button ST10F269Z2T6 Datasheet HTML 157Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 158Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 159Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 160Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 161Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 162Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 163Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 164Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 184 page
background image
ST10F269
161/184
Notes: 1. RW-delay and
t
A refer to the next following bus cycle.
2. Read data are latched with the same clock edge that triggers the address change and the rising RD edge. Therefore address
changes before the end of RD have no impact on read cycles.
3. Partially tested, guaranteed by design characterization.
VDD = 5V ± 10%, VSS = 0V, TA = -40 to +85°C, CL = 50pF,
ALE cycle time = 4 TCL + 2tA + tC + tF (125ns at 32MHz CPU clock without wait states) RW-delay and tA
refer to the next following bus cycle.
Table 49 : Demultiplexed Bus Characteristics (TQFP144 devices)
t41 CC
Latched CS hold after RD, WR
2 + tF
–
TCL - 10.5 + tF
–ns
t82 CC
Address setup to RdCS, WrCS
(with RW-delay)
14.5 + 2tA
–
2 TCL - 10.5 +
2tA
–ns
t83 CC Address setup to RdCS, WrCS
(no RW-delay)
2 + 2tA
–
TCL - 10.5 + 2tA
–ns
t46 SR
RdCS to Valid Data In
(with RW-delay)
–4 + tC
–
2 TCL - 21 + tC
ns
t47 SR
RdCS to Valid Data In
(no RW-delay)
–
16.5 + tC
–
3 TCL - 21 + tC
ns
t48 CC
RdCS, WrCS Low Time
(with RW-delay)
15.5 + tC
–2 TCL - 9.5
+ tC
–ns
t49 CC RdCS, WrCS Low Time
(no RW-delay)
28 + tC
–
3 TCL - 9.5 + tC
–ns
t50 CC Data valid to WrCS
10 + tC
–
2 TCL - 15 + tC
–ns
t51 SR
Data hold after RdCS
0–
0
–
ns
t53 SR
Data float after RdCS
(with RW-delay)
3
–
16.5 + tF
–
2 TCL - 8.5 + tF
ns
t68 SR
Data float after RdCS
(no RW-delay)
3
–4 + tF
–
TCL - 8.5 + tF
ns
t55 CC
Address hold after
RdCS, WrCS
-8.5 + tF
–
-8.5 + tF
–ns
t57 CC
Data hold after WrCS
2 + tF
–
TCL - 10.5 + tF
–ns
Table 48 : Demultiplexed Bus Characteristics (PQFP144 devices)
Symbol
Parameter
Maximum CPU Clock
= 40MHz
Variable CPU Clock
1/2 TCL = 1 to 40MHz
Minimum
Maximum
Minimum
Maximum
Symbol
Parameter
Maximum CPU Clock =
32MHz
Variable CPU Clock
1/2 TCL = 1 to 32MHz
Unit
Minimum
Maximum
Minimum
Maximum
t5
CC
ALE high time
5.625 + tA
–TCL - 10+ tA
–ns
t6
CC
Address setup to ALE
0.625 + tA
–TCL - 15+ tA
–ns
t80
CC
Address/Unlatched CS setup
to RD, WR
(with RW-delay)
21.25 + 2tA
–
2TCL - 10 + 2tA
–ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com