Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL44002 Datasheet(PDF) 8 Page - Analog Devices

Part # ADPL44002
Description  40V, 200mA, Low Noise, CMOS LDO Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL44002 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADPL44002 Datasheet HTML 4Page - Analog Devices ADPL44002 Datasheet HTML 5Page - Analog Devices ADPL44002 Datasheet HTML 6Page - Analog Devices ADPL44002 Datasheet HTML 7Page - Analog Devices ADPL44002 Datasheet HTML 8Page - Analog Devices ADPL44002 Datasheet HTML 9Page - Analog Devices ADPL44002 Datasheet HTML 10Page - Analog Devices ADPL44002 Datasheet HTML 11Page - Analog Devices ADPL44002 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Data Sheet
ADPL44002
analog.com
Rev. 0
8 of 23
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 3. 6-Lead LFCSP Pin Configuration
Figure 4. 5-Lead TSOT Pin Configuration
Pin Descriptions
Table 5. Pin Descriptions
PIN
NAME
DESCRIPTION
6-LEAD
LFCSP
5-LEAD
TSOT
1
5
VOUT
Regulated Output Voltage. Bypass VOUT to GND with a 2.2µF or
greater capacitor.
2
4
SENSE/ADJ
Sense Input (SENSE). Connect to load. An external resistor divider
may also be used to set the output voltage higher than the fixed
output voltage (ADJ).
3
2
GND
Ground.
4
3
EN
The Enable Pin Controls the operation of the LDO. Drive EN high to
turn on the regulator. Drive EN low to turn off the regulator. For
automatic startup, connect EN to VIN.
5
Not
applicable
SS
Soft Start. An external capacitor connected to this pin determines
the soft-start time. Leave this pin open for a typical 400μs start-up
time. Do not ground this pin.
6
1
VIN
Regulator Input Supply. Bypass VIN to GND with a 2.2µF or greater
capacitor.
EP
Exposed Pad. The exposed pad on the bottom of the package
enhances thermal performance and is electrically connected to
GND inside the package. It is recommended that the exposed pad
connect to the ground plane on the board.
3
GND
1
VOUT
2
SENSE/ADJ
4 EN
6 VIN
5 SS
ADPL44002
TOP VIEW
(Not to Scale)
EXPOSED PAD
NOTES
1. THE EXPOSED PAD ON THE BOTTOM OF THE PACKAGE
ENHANCES THERMAL PERFORMANCE AND IS
ELECTRICALLY CONNECTED TO GND INSIDE THE
PACKAGE. IT IS RECOMMENDED THAT THE EXPOSED
PAD CONNECT TO THE GROUND PLANE ON THE BOARD.
ADPL44002
TOP VIEW
(Not to Scale)
1
VIN
2
GND
3
EN
5
VOUT
4
SENSE/ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com