Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL44002 Datasheet(PDF) 11 Page - Analog Devices

Part # ADPL44002
Description  40V, 200mA, Low Noise, CMOS LDO Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL44002 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADPL44002 Datasheet HTML 7Page - Analog Devices ADPL44002 Datasheet HTML 8Page - Analog Devices ADPL44002 Datasheet HTML 9Page - Analog Devices ADPL44002 Datasheet HTML 10Page - Analog Devices ADPL44002 Datasheet HTML 11Page - Analog Devices ADPL44002 Datasheet HTML 12Page - Analog Devices ADPL44002 Datasheet HTML 13Page - Analog Devices ADPL44002 Datasheet HTML 14Page - Analog Devices ADPL44002 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Data Sheet
ADPL44002
analog.com
Rev. 0
11 of 23
Figure 17. Output Voltage (VOUT) vs. Input Voltage (VIN) in
Dropout, VOUT = 3.3V
Figure 18. Soft Start (SS) Current vs. Temperature (TJ),
Multiple Input Voltages (VIN), VOUT = 5V
Figure 19. Power Supply Rejection Ratio (PSRR) vs.
Frequency, VOUT = 5V, for Various Headroom
Voltages
Figure 20. Load Transient Response, ILOAD = 1mA to 200mA,
VOUT = 5V, VIN = 7V, CH1 Load Current (ILOAD), CH2
VOUT
Figure 21. Line Transient Response, ILOAD = 200mA, VOUT = 5V,
CH1 VIN, CH2 VOUT
Figure 22. Load Transient Response, ILOAD = 1mA to 200mA,
VOUT = 3.3V, VIN = 5V, CH1 Load Current (ILOAD), CH2
VOUT
3.1
3.3
3.7
3.5
3.9
VIN (V)
2.8
2.9
3.0
3.1
3.2
3.4
3.3
LOAD = 5mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 150mA
LOAD = 200mA
–40
–5
25
85
125
TEMPERATURE (°C)
0
300
250
200
150
100
50
VIN = 2.7V
VIN = 5.0V
VIN = 10V
VIN = 20V
VIN = 40V
2.0V
1.4V
1.2V
1.0V
FREQUENCY (MHz)
0.0001
0.001
0.01
0.1
1
10
0
20
40
60
80
100
CH1 200mA ΩBW CH2 20mV BW M20µs A CH1
1000mA
T 10.2%
1
2
T
CH1 2V BW CH2 2.0mV BW
M4µs
A CH4
1.84V
T 10.2%
1
2
T
CH1 200mA Ω BW CH2 20mV BW M20µs A CH1
148mA
T 10.4%
1
2
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com