Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL44002 Datasheet(PDF) 21 Page - Analog Devices

Part # ADPL44002
Description  40V, 200mA, Low Noise, CMOS LDO Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL44002 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADPL44002 Datasheet HTML 15Page - Analog Devices ADPL44002 Datasheet HTML 16Page - Analog Devices ADPL44002 Datasheet HTML 17Page - Analog Devices ADPL44002 Datasheet HTML 18Page - Analog Devices ADPL44002 Datasheet HTML 19Page - Analog Devices ADPL44002 Datasheet HTML 20Page - Analog Devices ADPL44002 Datasheet HTML 21Page - Analog Devices ADPL44002 Datasheet HTML 22Page - Analog Devices ADPL44002 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Data Sheet
ADPL44002
analog.com
Rev. 0
21 of 23
ORDERING GUIDE
Table 6. Ordering Guide
MODEL1
TEMPERATURE
RANGE
PACKAGE
DESCRIPTION
PACKING
QUANTITY
PACKAGE
OPTION
MARKING
CODE
ADPL44002ACPZN2.5-R7
-40°C to +125°C
6-Lead LFCSP
(2mm x 2mm w/EP)
Reel, 3000
CP-6-3
LXM
ADPL44002ACPZN3.3-R7
-40°C to +125°C
6-Lead LFCSP
(2mm x 2mm w/EP)
Reel, 3000
CP-6-3
LXN
ADPL44002ACPZN5.0-R7
-40°C to +125°C
6-Lead LFCSP
(2mm x 2mm w/EP)
Reel, 3000
CP-6-3
LXP
ADPL44002ACPZN-R7
-40°C to +125°C
6-Lead LFCSP
(2mm x 2mm w/EP)
Reel, 3000
CP-6-3
LXQ
ADPL44002AUJZ1.8-R7
-40°C to +125°C
5-Lead TSOT
Reel, 3000
UJ-5
LXR
ADPL44002AUJZ2.5-R7
-40°C to +125°C
5-Lead TSOT
Reel, 3000
UJ-5
LXM
ADPL44002AUJZ3.3-R7
-40°C to +125°C
5-Lead TSOT
Reel, 3000
UJ-5
LXN
ADPL44002AUJZ5.0-R7
-40°C to +125°C
5-Lead TSOT
Reel, 3000
UJ-5
LXP
ADPL44002AUJZ-R7
-40°C to +125°C
5-Lead TSOT
Reel, 3000
UJ-5
LXQ
1
Z = RoHS Compliant Part
Table 7. Output Voltage Options
MODEL
OUTPUT VOLTAGE (V)1
ADPL44002ACPZN2.5-R7
2.5
ADPL44002ACPZN3.3-R7
3.3
ADPL44002ACPZN5.0-R7
5.0
ADPL44002ACPZN-R7
Adjustable (1.2 V)
ADPL44002AUJZ1.8-R7
1.8
ADPL44002AUJZ2.5-R7
2.5
ADPL44002AUJZ3.3-R7
3.3
ADPL44002AUJZ5.0-R7
5.0
ADPL44002AUJZ-R7
Adjustable (1.2 V)
1
For additional voltage options, contact a local Analog Devices, Inc., sales or distribution representative.
Table 8. Evaluation Boards
MODEL1, 2
PACKAGE DESCRIPTION
EVAL-ADPL44002CP-AZ
LFCSP Evaluation Board
EVAL-ADPL44002UJ-AZ
TSOT Evaluation Board
1
Z = RoHS Compliant Part
2
The evaluation boards are preconfigured with an adjustable ADPL44002.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com