Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL44002ACPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADPL44002ACPZN-R7
Description  40V, 200mA, Low Noise, CMOS LDO Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL44002ACPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADPL44002ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADPL44002ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADPL44002ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADPL44002ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADPL44002ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADPL44002ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADPL44002ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADPL44002ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADPL44002ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Data Sheet
ADPL44002
40V, 200mA, Low Noise, CMOS LDO Linear Regulator
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Wa y, Wilmington, MA 01887 -2356, U.S.A.
Tel: 781.329.47 00
©2024 Analog Devices, Inc. Al l rights rese rve d.
FEATURES
Low Noise: 20µVRMS Independent of Fixed Output
Voltage
PSRR of 78dB at 10 kHz, VOUT≤ 5V, VIN = 7V
Input Voltage Range: 2.7V to 40V
Maximum Output Current: 200mA
Initial Accuracy: ±1%
Accuracy Over Line, Load, and Temperature
±1.8%, TJ = −40°C to +125°C
Low Dropout Voltage: 220mV (typical) at a 200mA
Load, VOUT = 5V
User Programmable Soft Start (LFCSP only)
Low Quiescent Current, IGND = 80μA (typical) with no
Load
Low Shutdown Current: 1.8μA at VIN = 6V, 3.0μA at
VIN = 40V
Stable with a Small 2.2 µF Ceramic Output Capacitor
Fixed Output Voltage Options: 1.8V, 2.5V, 3.3V, and
5.0V
Adjustable Output from 1.2V to VIN – VDO, Output can
be Adjusted Above Initial Set Point
Precision Enable
2mm × 2mm, 6-Lead LFCSP, 5-Lead TSOT
APPLICATIONS
Regulation to Noise Sensitive Applications
ADC, DAC Circuits, Precision Amplifiers, Power for
VCO VTUNE Control
Communications and Infrastructure
Medical and Healthcare
Industrial and Instrumentation
GENERAL DESCRIPTION
The ADPL44002 is a CMOS, low dropout (LDO) linear
regulator that operates from 2.7V to 40V and provides up
to 200mA of output current. This high input voltage LDO
is ideal for the regulation of high performance analog
and mixed signal circuits operating from 39V down to
1.2V rails. Using an advanced proprietary architecture,
the device provides high power supply rejection, low
noise, and achieves excellent line and load transient
response with a small 2.2µF ceramic output capacitor.
The ADPL44002 regulator output noise is 20μVRMS
independent of the output voltage for the fixed options
of 5V or less.
The ADPL44002 is available in four fixed output voltage
options. The following voltages are available from stock:
1.2V (adjustable), 1.8V, 2.5V, 3.3V, and 5.0V.
Each fixed output voltage can be adjusted above the
initial set point with an external feedback divider. This
allows the ADPL44002 to provide an output voltage from
1.2V to VIN − VDO with high PSRR and low noise.
User programmable soft start with an external capacitor
is available in the LFCSP package.
The ADPL44002 is available in a 6-lead, 2mm × 2mm
LFCSP, making it not only a very compact solution, but
it also provides excellent thermal performance for
applications requiring up to 200mA of output current in
a small, low profile footprint. The ADPL44002 is also
available in a 5-lead TSOT.


Similar Part No. - ADPL44002ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL44001 AD-ADPL44001 Datasheet
1Mb / 17P
4V to 40V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev. 0; 9/24
ADPL44001ATT+ AD-ADPL44001ATT+ Datasheet
1Mb / 17P
4V to 40V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev. 0; 9/24
ADPL44001ATT+T AD-ADPL44001ATT+T Datasheet
1Mb / 17P
4V to 40V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev. 0; 9/24
ADPL44001AZT+ AD-ADPL44001AZT+ Datasheet
1Mb / 17P
4V to 40V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev. 0; 9/24
ADPL44001AZT+T AD-ADPL44001AZT+T Datasheet
1Mb / 17P
4V to 40V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev. 0; 9/24
More results

Similar Description - ADPL44002ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182 Datasheet
212Kb / 10P
DUAL, LOW-NOISE, 200mA LDO REGULATOR
logo
RICOH electronics devic...
RP100X RICOH-RP100X Datasheet
1Mb / 28P
LOW NOISE 200mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9178 RICHTEK-RT9178 Datasheet
180Kb / 11P
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9178 RICHTEK-RT9178_08 Datasheet
153Kb / 11P
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9182 RICHTEK-RT9182_08 Datasheet
112Kb / 9P
Dual, Low-Noise, 200mA LDO Regulator
logo
Unisonic Technologies
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
LOW NOISE 200mA LDO REGULATOR
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D_16 Datasheet
280Kb / 7P
LOW NOISE 200mA LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
FM6219 FUMAN-FM6219 Datasheet
1Mb / 4P
200mA LDO Linear Regulator
logo
Lowpower Semiconductor ...
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
200mA,Ultra-low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com