Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL44002AUJZ2.5-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADPL44002AUJZ2.5-R7
Description  40V, 200mA, Low Noise, CMOS LDO Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL44002AUJZ2.5-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADPL44002AUJZ2.5-R7 Datasheet HTML 13Page - Analog Devices ADPL44002AUJZ2.5-R7 Datasheet HTML 14Page - Analog Devices ADPL44002AUJZ2.5-R7 Datasheet HTML 15Page - Analog Devices ADPL44002AUJZ2.5-R7 Datasheet HTML 16Page - Analog Devices ADPL44002AUJZ2.5-R7 Datasheet HTML 17Page - Analog Devices ADPL44002AUJZ2.5-R7 Datasheet HTML 18Page - Analog Devices ADPL44002AUJZ2.5-R7 Datasheet HTML 19Page - Analog Devices ADPL44002AUJZ2.5-R7 Datasheet HTML 20Page - Analog Devices ADPL44002AUJZ2.5-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Data Sheet
ADPL44002
analog.com
Rev. 0
17 of 23
Noise Reduction of the ADPL44002 in Adjustable Mode
The ultralow output noise of the ADPL44002 is achieved by keeping the LDO error amplifier in unity gain and setting
the reference voltage equal to the output voltage. This architecture does not work for an adjustable output voltage
LDO in the conventional sense. However, the ADPL44002 architecture allows any fixed output voltage to be set to a
higher voltage with an external voltage divider. For example, a fixed 5V output can be set to a 10V output according
to Equation 3 (see Figure 32):
VOUT = 5V(1 + R1/R2)
The disadvantage of using the ADPL44002 in this manner is that the output voltage noise is proportional to the output
voltage. Therefore, it is best to choose a fixed output voltage that is close to the target voltage to minimize the
increase in output noise.
The adjustable LDO circuit can be modified to reduce the output voltage noise to levels close to those of the fixed
output ADPL44002. The circuit shown in Figure 32 adds two additional components to the output voltage setting
resistor divider. CNR and RNR are added in parallel with R1 to reduce the ac gain of the error amplifier. RNR is chosen to
be small with respect to R2. If RNR is 1% to 10% of the value of R2, the minimum ac gain of the error amplifier is
approximately 0.1dB to 0.8dB. The actual gain is determined by the parallel combination of RNR and R1. This gain
ensures that the error amplifier always operates at a slightly greater than unity gain.
CNR is chosen by setting the reactance of CNR equal to R1 − RNR at a frequency between 1Hz and 50Hz. This setting
places the frequency where the ac gain of the error amplifier is 3dB down from its dc gain.
Figure 32. Noise Reduction Modification
Effect of Noise Reduction on Start-Up Time
The start-up time of the ADPL44002 is affected by the noise reduction network and must be considered in
applications where power supply sequencing is critical.
The noise reduction circuit adds a pole in the feedback loop, slowing down the start-up time. The start-up time for
an adjustable model with a noise reduction network can be approximated using the following equation:
SSNRTIME (sec) = 5 . 5 × CNR × (RNR + R1)
(7)
For a CNR, RNR, and R1 combination of 1µF, 1kΩ, and 91kΩ as shown in Figure 32, the start-up time is approximately
0.5 sec. When SSNRTIME is greater than SSTIME, SSNRTIME dictates the length of the start-up time instead of the soft start
capacitor.
VOUT = 12V
VIN = 14V
VOUT
VIN
GND
SENSE/ADJ
EN
100kΩ
200kΩ
COUT
2.2µF
CIN
2.2µF
ON
OFF
RNR
1kΩ
R2
10kΩ
R1
91kΩ
CNR
1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com