Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL44002AUJZ2.5-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADPL44002AUJZ2.5-R7
Description  40V, 200mA, Low Noise, CMOS LDO Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL44002AUJZ2.5-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADPL44002AUJZ2.5-R7 Datasheet HTML 1Page - Analog Devices ADPL44002AUJZ2.5-R7 Datasheet HTML 2Page - Analog Devices ADPL44002AUJZ2.5-R7 Datasheet HTML 3Page - Analog Devices ADPL44002AUJZ2.5-R7 Datasheet HTML 4Page - Analog Devices ADPL44002AUJZ2.5-R7 Datasheet HTML 5Page - Analog Devices ADPL44002AUJZ2.5-R7 Datasheet HTML 6Page - Analog Devices ADPL44002AUJZ2.5-R7 Datasheet HTML 7Page - Analog Devices ADPL44002AUJZ2.5-R7 Datasheet HTML 8Page - Analog Devices ADPL44002AUJZ2.5-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Data Sheet
ADPL44002
analog.com
Rev. 0
2 of 23
TYPICAL APPLICATION CIRCUITS
Figure 1. ADPL44002 with Fixed Output Voltage, 5V
Figure 2. ADPL44002 with 5V Output Adjusted to 6V
GND
EN
SS
VIN
VOUT
ADPL44002
ON
OFF
VIN = 6V
VOUT = 5V
SENSE/ADJ
CIN
2.2µF
COUT
2.2µF
CSS
1nF
GND
EN
SS
VIN
VOUT
ADPL44002
ON
OFF
VIN = 7V
VOUT = 6V
SENSE/ADJ
CIN
2.2µF
COUT
2.2µF
CSS
1nF
2kΩ
10kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com