Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL44002AUJZ2.5-R7 Datasheet (PDF) - Analog Devices

ADPL44002AUJZ2.5-R7 Datasheet PDF - Analog Devices
Part # ADPL44002AUJZ2.5-R7
Download  ADPL44002AUJZ2.5-R7 Download
File Size   687.61 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 40V, 200mA, Low Noise, CMOS LDO Linear Regulator

ADPL44002AUJZ2.5-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADPL44002AUJZ2.5-R7 Datasheet PDF - Analog Devices

Part # ADPL44002AUJZ2.5-R7
Download  ADPL44002AUJZ2.5-R7 Click to download

File Size   687.61 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 40V, 200mA, Low Noise, CMOS LDO Linear Regulator

ADPL44002AUJZ2.5-R7 Datasheet (HTML) - Analog Devices


ADPL44002AUJZ2.5-R7 Product details

FEATURES
Low Noise: 20μVRMS Independent of Fixed Output Voltage
PSRR of 78dB at 10 kHz, VOUT ≤ 5V, VIN = 7V
Input Voltage Range: 2.7V to 40V
Maximum Output Current: 200mA
Initial Accuracy: ±1%
Accuracy Over Line, Load, and Temperature
±1.8%, TJ = −40°C to +125°C
Low Dropout Voltage: 220mV (typical) at a 200mA Load, VOUT = 5V
User Programmable Soft Start (LFCSP only)
Low Quiescent Current, IGND = 80μA (typical) with no Load
Low Shutdown Current: 1.8μA at VIN = 6V, 3.0μA at VIN = 40V
Stable with a Small 2.2 μF Ceramic Output Capacitor
Fixed Output Voltage Options: 1.8V, 2.5V, 3.3V, and 5.0V
Adjustable Output from 1.2V to VIN – VDO, Output can be Adjusted Above Initial Set Point
Precision Enable
2mm × 2mm, 6-Lead LFCSP, 5-Lead TSOT
APPLICATIONS
Regulation to Noise Sensitive Applications
ADC, DAC Circuits, Precision Amplifiers, Power for VCO VTUNE Control
Communications and Infrastructure
Medical and Healthcare
Industrial and Instrumentation




Similar Part No. - ADPL44002AUJZ2.5-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL44001 AD-ADPL44001 Datasheet
1Mb / 17P
4V to 40V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev. 0; 9/24
ADPL44001ATT+ AD-ADPL44001ATT+ Datasheet
1Mb / 17P
4V to 40V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev. 0; 9/24
ADPL44001ATT+T AD-ADPL44001ATT+T Datasheet
1Mb / 17P
4V to 40V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev. 0; 9/24
ADPL44001AZT+ AD-ADPL44001AZT+ Datasheet
1Mb / 17P
4V to 40V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev. 0; 9/24
ADPL44001AZT+T AD-ADPL44001AZT+T Datasheet
1Mb / 17P
4V to 40V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev. 0; 9/24
More results


Similar Description - ADPL44002AUJZ2.5-R7

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182 Datasheet
212Kb / 10P
DUAL, LOW-NOISE, 200mA LDO REGULATOR
logo
RICOH electronics devic...
RP100X RICOH-RP100X Datasheet
1Mb / 28P
LOW NOISE 200mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9178 RICHTEK-RT9178 Datasheet
180Kb / 11P
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9178 RICHTEK-RT9178_08 Datasheet
153Kb / 11P
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9182 RICHTEK-RT9182_08 Datasheet
112Kb / 9P
Dual, Low-Noise, 200mA LDO Regulator
logo
Unisonic Technologies
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
LOW NOISE 200mA LDO REGULATOR
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D_16 Datasheet
280Kb / 7P
LOW NOISE 200mA LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
FM6219 FUMAN-FM6219 Datasheet
1Mb / 4P
200mA LDO Linear Regulator
logo
Lowpower Semiconductor ...
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
200mA,Ultra-low Noise LDO Regulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com