Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7767 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7767
Description  24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7767 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7767 Datasheet HTML 7Page - Analog Devices AD7767 Datasheet HTML 8Page - Analog Devices AD7767 Datasheet HTML 9Page - Analog Devices AD7767 Datasheet HTML 10Page - Analog Devices AD7767 Datasheet HTML 11Page - Analog Devices AD7767 Datasheet HTML 12Page - Analog Devices AD7767 Datasheet HTML 13Page - Analog Devices AD7767 Datasheet HTML 14Page - Analog Devices AD7767 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD7767
Rev. 0 | Page 11 of 24
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
8k
16k
24k
32k
40k
48k
56k
64k
FREQUENCY (Hz)
Figure 13. AD7767 FFT, 1 kHz, −60 dB Input Tone
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
4k
8k
12k
16k
20k
24k
28k
32k
FREQUENCY (Hz)
Figure 14. AD7767-1 FFT, 1 kHz, −60 dB Input Tone
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
16k
12k
8k
4k
FREQUENCY (Hz)
Figure 15. AD7767-2 FFT, 1 kHz, −60 dB Input Tone
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
8k
16k
24k
32k
40k
48k
56k
64k
FREQUENCY (Hz)
TONE A: 49.7kHz
TONE B: 50.3kHz
SECOND-ORDER IMD = –133.71dB
THIRD-ORDER IMD = –109.05dB
Figure 16. AD7767 IMD FFT, 50 kHz Center Frequency
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
4k
8k
12k
16k
20k
24k
28k
32k
FREQUENCY (Hz)
TONE A: 24.7kHz
TONE B: 25.3kHz
SECOND-ORDER IMD = –133.33dB
THIRD-ORDER IMD = –108.15dB
Figure 17. AD7767-1 IMD FFT, 25 kHz Center Frequency
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
16k
12k
8k
4k
FREQUENCY (Hz)
TONE A: 11.7kHz
TONE B: 12.3kHz
SECOND-ORDER IMD = –137.96dB
THIRD-ORDER IMD = –108.1dB
Figure 18. AD7767-2 IMD FFT, 12 kHz Center Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com