Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7767 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7767
Description  24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7767 Datasheet(HTML) 2 Page - Analog Devices

  AD7767 Datasheet HTML 1Page - Analog Devices AD7767 Datasheet HTML 2Page - Analog Devices AD7767 Datasheet HTML 3Page - Analog Devices AD7767 Datasheet HTML 4Page - Analog Devices AD7767 Datasheet HTML 5Page - Analog Devices AD7767 Datasheet HTML 6Page - Analog Devices AD7767 Datasheet HTML 7Page - Analog Devices AD7767 Datasheet HTML 8Page - Analog Devices AD7767 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD7767
Rev. 0 | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Timing Specifications .................................................................. 5
Timing Diagrams.......................................................................... 6
Absolute Maximum Ratings............................................................ 8
ESD Caution.................................................................................. 8
Pin Configuration and Function Descriptions............................. 9
Typical Performance Characteristics ........................................... 10
Terminology .................................................................................... 14
Theory of Operation ...................................................................... 15
AD7767/AD7767-1/AD7767-2 Transfer Function................ 15
Converter Operation.................................................................. 15
Analog Input Structure.............................................................. 16
Supply and Reference Voltages ................................................. 16
AD7767 Interface ........................................................................... 17
Initial Power-Up ......................................................................... 17
Reading Data............................................................................... 17
Power-Down, Reset, and Synchronization ............................. 17
Daisy Chaining ............................................................................... 18
Reading Data in Daisy Chain Mode ........................................ 18
Choosing the SCLK Frequency ................................................ 18
Daisy Chain Mode Configuration and Timing Diagrams.... 19
Driving the AD7767....................................................................... 20
Differential Signal Source ......................................................... 20
Single-Ended Signal Source ...................................................... 20
Antialiasing ................................................................................. 21
Power Dissipation....................................................................... 21
VREF+ Input Signal ....................................................................... 22
Multiplexing Analog Input Channels ...................................... 22
Outline Dimensions ....................................................................... 23
Ordering Guide .......................................................................... 23
REVISION HISTORY
8/07—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com