Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7767 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7767
Description  24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7767 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7767 Datasheet HTML 11Page - Analog Devices AD7767 Datasheet HTML 12Page - Analog Devices AD7767 Datasheet HTML 13Page - Analog Devices AD7767 Datasheet HTML 14Page - Analog Devices AD7767 Datasheet HTML 15Page - Analog Devices AD7767 Datasheet HTML 16Page - Analog Devices AD7767 Datasheet HTML 17Page - Analog Devices AD7767 Datasheet HTML 18Page - Analog Devices AD7767 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD7767
Rev. 0 | Page 15 of 24
THEORY OF OPERATION
The AD7767/AD7767-1/AD7767-2 operate using a fully
differential analog input applied to a successive approximation
(SAR) core. The output of the oversampled SAR is filtered using
a linear phase digital FIR filter. The fully filtered data is output
in a serial format, with the MSB being clocked out first.
AD7767/AD7767-1/AD7767-2 TRANSFER
FUNCTION
The conversion results of the AD7767/AD7767-1/AD7767-2 are
output in a twos complement, 24-bit serial format. The fully
differential inputs VIN+ and VIN− are scaled by the AD7767/
AD7767-1/AD7767-2 relative to the reference voltage input
(VREF+), as shown in Figure 28.
100...000
100...001
111...110
111...111
000...000
000...001
000...010
011...110
011...111
24 BITS
TWOS
COMPLEMENT
VIN+ = 0V
VIN+ = VREF – 1LSB
VIN– = VREF – 1LSB
VIN– = 0V
VIN+ =
VREF
2
VIN– =
VREF
2
Figure 28. AD7767/AD7767-1/AD7767-2 Transfer Function
CONVERTER OPERATION
Internally, the input waveform applied to the SAR core is
converted and an equivalent digital word is output to the digital
filter at a rate equal to MCLK. By employing oversampling, the
quantization noise of the converter is spread across a wide
bandwidth from 0 to fMCLK. This means that the noise energy
contained in the signal band of interest is reduced (see
Figure 29).
QUANTIZATION NOISE
BAND OF INTEREST
fMCLK/2
Figure 29. Quantization Noise
DIGITAL FILTER CUTOFF FREQUENCY
fMCLK/2
BAND OF INTEREST
Figure 30. Digital Filter Cutoff Frequency
The digital filtering that follows the converter output acts to
remove the out-of-band quantization noise (see Figure 30). This
also has the effect of reducing the data rate from fMCLK at the
input of the filter to fMCLK/8, fMCLK/16, or fMCLK/32 at the digital
output, depending on which model of the device is being used.
The digital filter consists of three separate filter blocks. Figure 31
shows the three constituent blocks of the filter. The order of
decimation of the first filter block is set as 2, 4, or 8. The
remaining sections both operate in decimate by 2.
STAGE 1
STAGE 2
DIGITAL FILTER
STAGE 3
SINC FILTER
FIR FILTER
FIR FILTER
DEC × (2 × n)
DEC × 2
DEC × 2
DATA
STREAM
SDO
Figure 31. FIR Filter Stages
(n = 1 for AD7767, n = 2 for AD7767-1, n = 4 for AD7767-2)
Table 6 shows the three available models of the AD7767, listing
the change in output data rate relative to the order of decimation
rate implemented. This brings into focus the trade-off that
exists between extra filtering and reduction in bandwidth,
whereby using a filter option with a larger decimation rate
increases the noise performance while decreasing the usable
input bandwidth.
Table 6. AD7767 Models
Model
Decimation Rate
Output Data Rate (ODR)
AD7767
8
128 kHz
AD7767-1
16
64 kHz
AD7767-2
32
32 kHz
Note that the output data rates shown in Table 6 are realized
when using the maximum MCLK input frequency of 1.024 MHz.
The output data rate scales linearly with the MCLK frequency,
as does the digital power dissipated in the device.
The settling time of the filter implemented on the AD7767,
AD7767-1, and AD7767-2 is related to the length of the filter
employed. The response of the filter in the time domain sets the
filter settling time. Table 7 shows the filter settling times of the
AD7767/AD7767-1/AD7767-2.
The frequency responses of the digital filters on the AD7767,
AD7767-1, and AD7767-2 are shown in Figure 32, Figure 33,
and Figure 34, respectively. At the Nyquist frequency (output
data rate/2), the digital filter provides 6 dB of attenuation. In each
case, the filter provides stop-band attenuation of 100 dB and
pass-band ripple of ±0.005 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com