Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAR250BK7 Datasheet(PDF) 15 Page - Cypress Semiconductor

Part # STAR250BK7
Description  250K Pixel Radiation Hard CMOS Image Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR250BK7 Datasheet(HTML) 15 Page - Cypress Semiconductor

Back Button STAR250BK7 Datasheet HTML 11Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 12Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 13Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 14Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 15Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 16Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 17Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 18Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 19Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
CYIS1SM0250-AA
Document Number: 38-05713 Rev. *B
Page 15 of 24
Pinlist
Table 8. Power Supply Connections
Pin
Pin Name
Pin Description
10
VDD_ANA
Analog power supply 5V.
11
VDD_DIG
Digital power supply 5V.
31
VDD_AMP
Power supply of output amplifier 5V.
33
VDD_DIG
Digital power supply 5V.
34
VDD_ANA
Analogue power supply 5V.
49
VDD_RESR
Reset power supply 5V.
50
VDD_DIG
Digital power supply 5V.
53
VDD_ADC_ANA
ADC analogue power supply 5V.
66
VDD_ADC_ANA
ADC analogue power supply 5V.
67
VDD_ADC_DIG
ADC digital power supply 5V.
69
VDD_ADC_DIG_3.3/5
ADC 3.3V power supply for digital output of ADC.
For interface with 5V external system: connect to VDD_ADC_DIG.
For interface with 3.3 V external system: connect to 3.3V power supply.
52
76
VDD_PIX
Pixel array power supply [default: 5V, the device is then in "soft reset". In order to avoid
the image lag associated with soft reset, reduce this voltage to 3…3.5 V "hard reset"].
78
VDD_DIG
Digital power supply 5V.
79
VDD_RESL
Reset power supply 5V.
Table 9. Ground Connections
Pin
Pin Name
Pin Description
9
GND_ANA
Analog ground.
12
GND_DIG
Digital ground.
30
GND_AMP
Ground of output amplifier.
32
GND_DIG
Digital ground.
35
GND_ANA
Analog ground.
51
GND_DIG
Digital ground.
54
GND_ADC_ANA
ADC analog ground.
65
GND_ADC_ANA
ADC analog ground.
68
GND_ADC_DIG
ADC digital ground.
77
GND_DIG
Digital ground.
Table 10. Digital Input Signals
Pin
Pin Name
Pin Description
1
S
Control signal for column amplifier.
Apply pulse pattern - see sensor timing diagram.
2
R
Control signal for column amplifier.
Apply pulse pattern - see sensor timing diagram.
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com