Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAR250BK7 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # STAR250BK7
Description  250K Pixel Radiation Hard CMOS Image Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR250BK7 Datasheet(HTML) 2 Page - Cypress Semiconductor

  STAR250BK7 Datasheet HTML 1Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 2Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 3Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 4Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 5Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 6Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 7Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 8Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
CYIS1SM0250-AA
Document Number: 38-05713 Rev. *B
Page 2 of 24
Specifications
General Specifications
Electro-optical Specifications
Overview
Table 1. General Specifications
Parameter
Specification
Remarks
Pixel Architecture
3-transistor active pixel
4 diodes per pixel
Radiation-tolerant pixel design
4 photodiodes for improved MTF
Pixel Size
25 x 25
µm2
Resolution
512 by 512 pixels
Pixel Rate
8 Mps
Shutter Type
Electronic
Integration time is variable in time, steps equal to the row
readout time
Frame Rate
29 full frames/second
Extended dynamic range
Double slope
Programmable gain
Programmable between x1, x2, x4, x8
Selectable through pins G0 and G1
Supply voltage VDD
5V
Operational temperature
range
0°C - +65°C
STAR250 (Quartz glass lid, air in cavity)
-40°C - +85°C
STAR250BK7 (BK7G18 glass lid, N2 in cavity)
Package
84 pins JLCC
Table 2. Electro-optical Specifications
Parameter
Specification (all typical)
Comment
Detector Technology
CMOS Active Pixel Sensor
Pixel Structure
3-transistor active pixel
4 diodes per pixel
Radiation-tolerant pixel design
4 Photodiodes for improved MTF
Photodiode
High fill factor photodiode
Sensitive Area Format
512 by 512 pixels
Pixel Size
25 x 25
µm2
Spectral Range
200 - 1000 nm
See curves
Quantum Efficiency x Fill
Factor
Max. 35%
Above 20% between 450 and 750 nm
(Note: Metal FillFactor (MFF) is 63%)
Full Well Capacity
311K electrons
When output amplifier gain = 1
Linear Range within + 1%
128K electrons
When output amplifier gain = 1
Output Signal Swing
1.68 V
When output amplifier gain = 1
Conversion Gain
5.7
µV/e-
When output amplifier gain = 1 near dark
Temporal Noise
76 e-
Dominated by kTC
Dynamic Range
74 dB (5000:1)
At the analog output
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com