Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAR250BK7 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # STAR250BK7
Description  250K Pixel Radiation Hard CMOS Image Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR250BK7 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button STAR250BK7 Datasheet HTML 16Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 17Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 18Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 19Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 20Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 21Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 22Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 23Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 24Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
CYIS1SM0250-AA
Document Number: 38-05713 Rev. *B
Page 21 of 24
Window Specifications
STAR250
STAR250BK7
Table 16. STAR250 Glass Cover Specifications:
Material
Fused Silica
Dimensions
25 x 25 mm +- 0.2 mm
Thickness
1 mm +- 0.05 mm
Anti reflective coating
No
Cavity fill
Air
Table 17. STAR250BK7 Glass Cover Specifications
Material
BK7G18
Dimensions
25 x 25 mm +- 0.2 mm
Thickness
1 mm +- 0.05 mm
Anti reflective coating
Yes
Cavity fill
N2
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com