Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS873990 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS873990
Description  LOW VOLTAGE, LVCMOS/ CRYSTAL-TO-LVPECL/ECL CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS873990 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS873990 Datasheet HTML 1Page - Integrated Circuit Systems ICS873990 Datasheet HTML 2Page - Integrated Circuit Systems ICS873990 Datasheet HTML 3Page - Integrated Circuit Systems ICS873990 Datasheet HTML 4Page - Integrated Circuit Systems ICS873990 Datasheet HTML 5Page - Integrated Circuit Systems ICS873990 Datasheet HTML 6Page - Integrated Circuit Systems ICS873990 Datasheet HTML 7Page - Integrated Circuit Systems ICS873990 Datasheet HTML 8Page - Integrated Circuit Systems ICS873990 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
873990AY
www.icst.com/products/hiperclocks.html
REV. B
JUNE 13, 2005
3
Integrated
Circuit
Systems, Inc.
ICS873990
LOW VOLTAGE, LVCMOS/
CRYSTAL-TO-LVPECL/ECL CLOCK GENERATOR
TABLE 1. PIN DESCRIPTIONS
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
1V
E
E
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
v
i
t
a
g
e
N
2R
Mt
u
p
n
In
w
o
d
ll
u
P
e
r
a
s
r
e
d
i
v
i
d
l
a
n
r
e
t
n
i
e
h
t
,
H
G
I
H
c
i
g
o
l
n
e
h
W
.
t
e
s
e
R
r
e
t
s
a
M
h
g
i
H
e
v
i
t
c
A
s
t
u
p
t
u
o
d
e
t
r
e
v
n
i
e
h
t
d
n
a
w
o
l
o
g
o
t
)
x
Q
(
s
t
u
p
t
u
o
e
u
r
t
e
h
t
g
n
i
s
u
a
c
t
e
s
e
r
e
h
t
d
n
a
s
r
e
d
i
v
i
d
l
a
n
r
e
t
n
i
e
h
t
,
W
O
L
c
i
g
o
l
n
e
h
W
.
h
g
i
h
o
g
o
t
)
x
Q
n
(
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
d
e
l
b
a
n
e
e
r
a
s
t
u
p
t
u
o
3N
E
_
L
L
Pt
u
p
n
In
w
o
d
ll
u
P
,
H
G
I
H
c
i
g
o
l
n
e
h
W
.
d
e
l
b
a
n
e
s
i
L
L
P
,
W
O
L
c
i
g
o
l
n
e
h
W
.
n
i
p
e
l
b
a
n
e
L
L
P
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
e
d
o
m
s
s
a
p
y
b
n
i
s
i
L
L
P
4L
E
S
_
F
E
Rt
u
p
n
In
w
o
d
ll
u
P
e
c
n
e
r
e
f
e
r
L
L
P
e
h
t
s
a
s
t
u
p
n
i
e
c
n
e
r
e
f
e
r
t
n
e
r
e
f
f
i
d
e
h
t
n
e
e
w
t
e
b
s
t
c
e
l
e
S
,
H
G
I
H
c
i
g
o
l
n
e
h
W
.
s
t
u
p
n
i
l
a
t
s
y
r
c
s
t
c
e
l
e
s
,
W
O
L
c
i
g
o
l
n
e
h
W
.
e
c
r
u
o
s
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
K
L
C
_
T
S
E
T
s
t
c
e
l
e
s
5
6
7
2
B
F
_
L
E
S
F
1
B
F
_
L
E
S
F
0
B
F
_
L
E
S
F
t
u
p
n
In
w
o
d
ll
u
P
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
k
c
a
b
d
e
e
F
8K
L
C
_
T
S
E
Tt
u
p
n
In
w
o
d
ll
u
P.
t
u
p
n
i
k
c
o
l
c
t
s
e
t
L
T
T
V
L
/
S
O
M
C
V
L
0
1
,
9
,
N
I
_
L
A
T
X
T
U
O
_
L
A
T
X
t
u
p
n
I
e
h
t
s
i
T
U
O
_
L
A
T
X
,
t
u
p
n
i
e
h
t
s
i
N
I
_
L
A
T
X
.
e
c
a
f
r
e
t
n
i
r
o
t
a
ll
i
c
s
o
l
a
t
s
y
r
C
.
t
u
p
t
u
o
1
1V
C
C
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
r
o
C
2
1B
F
_
T
X
Et
u
p
n
In
w
o
d
ll
u
P.
t
u
p
n
i
k
c
a
b
d
e
e
f
l
a
n
r
e
t
x
E
3
1B
F
_
T
X
E
nt
u
p
n
I
/
p
u
ll
u
P
n
w
o
d
ll
u
P
V
.
t
u
p
n
i
k
c
a
b
d
e
e
f
l
a
n
r
e
t
x
E
C
C
.
g
n
i
t
a
o
l
f
t
f
e
l
n
e
h
w
t
l
u
a
f
e
d
2
/
4
1V
A
C
C
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
g
o
l
a
n
A
,
5
1
6
1
,
B
F
Q
n
B
F
Q
t
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
k
c
a
b
d
e
e
f
l
a
i
t
n
e
r
e
f
f
i
D
2
4
,
0
3
,
2
2
,
7
1V
O
C
C
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
9
1
,
8
10
D
Q
,
0
D
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
1
2
,
0
21
D
Q
,
1
D
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
4
2
,
3
20
C
Q
,
0
C
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
6
2
,
5
21
C
Q
,
1
C
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
7
2
3
3
6
3
9
3
3
L
E
S
F
2
L
E
S
F
1
L
E
S
F
0
L
E
S
F
t
u
p
n
In
w
o
d
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
9
2
,
8
22
C
Q
,
2
C
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
2
3
,
1
30
B
Q
,
0
B
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
5
3
,
4
31
B
Q
,
1
B
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
8
3
,
7
32
B
Q
,
2
B
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
1
4
,
0
43
B
Q
,
3
B
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
4
4
,
3
40
A
Q
,
0
A
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
6
4
,
5
41
A
Q
,
1
A
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
8
4
,
7
42
A
Q
,
2
A
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
0
5
,
9
43
A
Q
,
3
A
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
1
5L
E
S
_
C
N
Y
St
u
p
n
In
w
o
d
ll
u
P
e
h
t
s
w
o
ll
o
f
t
u
p
t
u
o
C
N
Y
S
e
h
t
,
W
O
L
n
e
h
W
.
n
i
p
t
c
e
l
e
s
t
u
p
t
u
o
c
n
y
S
.
t
u
p
t
u
o
C
Q
s
w
o
ll
o
f
t
u
p
t
u
o
D
Q
,
H
G
I
H
n
e
h
W
.
)
5
e
g
a
p
(
m
a
r
g
a
i
d
g
n
i
m
i
t
2
5L
E
S
_
O
C
Vt
u
p
n
In
w
o
d
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
e
g
n
a
r
O
C
V
s
t
c
e
l
e
S
:
E
T
O
N
n
w
o
d
ll
u
P
d
n
a
p
u
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
r
e
f
e
r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com