Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS873990 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS873990
Description  LOW VOLTAGE, LVCMOS/ CRYSTAL-TO-LVPECL/ECL CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS873990 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS873990 Datasheet HTML 1Page - Integrated Circuit Systems ICS873990 Datasheet HTML 2Page - Integrated Circuit Systems ICS873990 Datasheet HTML 3Page - Integrated Circuit Systems ICS873990 Datasheet HTML 4Page - Integrated Circuit Systems ICS873990 Datasheet HTML 5Page - Integrated Circuit Systems ICS873990 Datasheet HTML 6Page - Integrated Circuit Systems ICS873990 Datasheet HTML 7Page - Integrated Circuit Systems ICS873990 Datasheet HTML 8Page - Integrated Circuit Systems ICS873990 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
873990AY
www.icst.com/products/hiperclocks.html
REV. B
JUNE 13, 2005
1
Integrated
Circuit
Systems, Inc.
ICS873990
LOW VOLTAGE, LVCMOS/
CRYSTAL-TO-LVPECL/ECL CLOCK GENERATOR
GENERAL DESCRIPTION
The ICS873990 is a low voltage, low skew, 3.3V
LVPECL/ECL Clock Generator and a member
of the HiPerClockS™ family of High Performance
Clock Solutions from ICS. The ICS873990 has
two selectable clock inputs. The XTAL1 and
XTAL2 are used to interface to a crystal and the TEST_CLK
pin can accept a LVCMOS or LVTTL input. This device has a
fully integrated PLL along with frequency configurable out-
puts. An external feedback input and output regenerates
clocks with “zero delay”.
The four independent banks of outputs each have their own
output dividers, which allow the device to generate a multi-
tude of different bank frequency ratios and output-to-input
frequency ratios. The output frequency range is 25MHz to
400MHz and the input frequency range is 6.25MHz to
125MHz. The PLL_SEL input can be used to bypass the PLL
for test and system debug purposes. In bypass mode, the
input clock is routed around the PLL and into the internal out-
put dividers.
The ICS873990 also has a SYNC output which can be used
for system synchronization purposes. It monitors Bank A and
Bank C outputs for coincident rising edges and signals a pulse
per the timing diagrams in this data sheet. This feature is used
primarily in applications where Bank A and Bank C are run-
ning at different frequencies, and is particularly useful when
they are running at non-integer multiples of each other.
Example Applications:
1. Line Card Multiplier: Multiply 19.44MHz from a back-plane
to 77.76MHz on the line card ASIC and Serdes.
2. Zero Delay Buffer: Fan out up to thirteen 100MHz copies
from a reference clock to multiple processing units on an
embedded system.
FEATURES
• 14 differential LVPECL outputs
• Selectable crystal oscillator interface or TEST_CLK inputs
• TEST_CLK accepts the following input levels:
LVCMOS, LVTTL
• Output frequency: 400MHz (maximum)
• Crystal input frequency range: 10MHz to 25MHz
• VCO range: 200MHz to 800MHz
• Output skew: 250ps (maximum)
• Cycle-to-cyle jitter: ±50ps (typical)
• LVPECL mode operating voltage supply range:
V
CC = 3.135V to 3.465V, VEE = 0V
• ECL mode operating voltage supply range:
V
CC = 0V, VEE = -3.465V to -3.135V
• 0°C to 70°C ambient operating temperature
• Industrial temperature available upon request
• Lead-Free package fully RoHS compliant
HiPerClockS™
ICS
PIN ASSIGNMENT
52-Lead LQFP
10mm x 10mm x 1.4mm package body
Y package
Top View
nQB3
QB3
VCCO
nQA0
QA0
nQA1
QA1
nQA2
QA2
nQA3
QA3
SYNC_SEL
VCO_SEL
40
41
42
43
44
45
46
47
48
49
50
51
52
1
2
3
4
5
6
7
8
9 10 11 12 13
26
25
24
23
22
21
20
19
18
17
16
15
14
39 38 37 36 35 34 33 32 31 30 29 28 27
QC1
nQC1
QC0
nQC0
VCCO
QD1
nQD1
QD0
nQD0
VCCO
QFB
nQFB
VCCA
ICS873990


Similar Part No. - ICS873990

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS873991-147 IDT-ICS873991-147 Datasheet
414Kb / 17P
LOW VOLTAGE, LVCMOS/LVPECL-TO LVPECL/ECL CLOCK GENERATOR
ICS873991AY-147LF IDT-ICS873991AY-147LF Datasheet
414Kb / 17P
LOW VOLTAGE, LVCMOS/LVPECL-TO LVPECL/ECL CLOCK GENERATOR
ICS873991AY-147LFT IDT-ICS873991AY-147LFT Datasheet
414Kb / 17P
LOW VOLTAGE, LVCMOS/LVPECL-TO LVPECL/ECL CLOCK GENERATOR
More results

Similar Description - ICS873990

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843404 ICST-ICS843404 Datasheet
246Kb / 19P
LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
REV. A OCTOBER 17, 2005
ICS87946-01 ICST-ICS87946-01 Datasheet
159Kb / 13P
LVPECL-TO-LVCMOS/LVTTL CLOCK GENERATOR
REV. A JANUARY 2, 2002
logo
Integrated Device Techn...
ICS873991-147 IDT-ICS873991-147 Datasheet
414Kb / 17P
LOW VOLTAGE, LVCMOS/LVPECL-TO LVPECL/ECL CLOCK GENERATOR
logo
Cypress Semiconductor
CY2XP41 CYPRESS-CY2XP41_11 Datasheet
261Kb / 10P
Crystal to LVPECL Clock Generator
logo
Integrated Device Techn...
843N001I IDT-843N001I Datasheet
315Kb / 20P
Low Voltage, LVCMOS/LVPECL-to-LVPECL/ECL Clock Generator
873991 IDT-873991 Datasheet
270Kb / 18P
LVPECL-TO-LVPECL/ECL CLOCK GENERATOR
873991-147 IDT-873991-147_17 Datasheet
315Kb / 20P
Low Voltage, LVCMOS/LVPECL-to-LVPECL/ECL Clock Generator
logo
Renesas Technology Corp
873991-147 RENESAS-873991-147 Datasheet
530Kb / 21P
Low Voltage, LVCMOS/LVPECL-to-LVPECL/ECL Clock Generator
8/25/15
873991 RENESAS-873991 Datasheet
532Kb / 19P
LOW VOLTAGE, LVCMOS/ LVPECL-TO-LVPECL/ECL CLOCK GENERATOR
8/25/15
ICS843404 RENESAS-ICS843404 Datasheet
479Kb / 20P
LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com