Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS873990 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS873990
Description  LOW VOLTAGE, LVCMOS/ CRYSTAL-TO-LVPECL/ECL CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS873990 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS873990 Datasheet HTML 3Page - Integrated Circuit Systems ICS873990 Datasheet HTML 4Page - Integrated Circuit Systems ICS873990 Datasheet HTML 5Page - Integrated Circuit Systems ICS873990 Datasheet HTML 6Page - Integrated Circuit Systems ICS873990 Datasheet HTML 7Page - Integrated Circuit Systems ICS873990 Datasheet HTML 8Page - Integrated Circuit Systems ICS873990 Datasheet HTML 9Page - Integrated Circuit Systems ICS873990 Datasheet HTML 10Page - Integrated Circuit Systems ICS873990 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
873990AY
www.icst.com/products/hiperclocks.html
REV. B
JUNE 13, 2005
7
Integrated
Circuit
Systems, Inc.
ICS873990
LOW VOLTAGE, LVCMOS/
CRYSTAL-TO-LVPECL/ECL CLOCK GENERATOR
TABLE 7. AC CHARACTERISTICS, V
CC = VCCA = VCCO = 3.3V ± 5%, T
A
= 0°C TO 70°C
TABLE 6. PLL INPUT REFERENCE CHARACTERISTICS, V
CC = VCCA = VCCO = 3.3V±5%, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
t
R
t
/
R
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
n
IK
L
C
_
T
S
E
T
3s
n
f
F
E
R
y
c
n
e
u
q
e
r
F
e
c
n
e
r
e
f
e
R
0
=
L
E
S
_
O
C
V
6
÷
k
c
a
b
d
e
e
F6
6
.
6
63
3
.
3
3
1z
H
M
8
÷
k
c
a
b
d
e
e
F0
50
0
1z
H
M
6
1
÷
k
c
a
b
d
e
e
F5
20
5z
H
M
4
2
÷
k
c
a
b
d
e
e
F6
6
.
6
13
3
.
3
3z
H
M
2
3
÷
k
c
a
b
d
e
e
F5
.
2
15
2z
H
M
y
c
n
e
u
q
e
r
F
e
c
n
e
r
e
f
e
R
1
=
L
E
S
_
O
C
V
4
÷
k
c
a
b
d
e
e
F0
50
0
1z
H
M
6
÷
k
c
a
b
d
e
e
F3
3
.
3
36
6
.
6
6z
H
M
8
÷
k
c
a
b
d
e
e
F5
20
5z
H
M
6
1
÷
k
c
a
b
d
e
e
F5
.
2
15
2z
H
M
4
2
÷
k
c
a
b
d
e
e
F3
3
.
86
6
.
6
1z
H
M
2
3
÷
k
c
a
b
d
e
e
F5
2
.
65
.
2
1z
H
M
f
C
D
F
E
R
e
l
c
y
C
y
t
u
D
t
u
p
n
I
e
c
n
e
r
e
f
e
R
5
25
7%
NOTE: These parameters are guaranteed by design, but not tested in production.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
0
0
4z
H
M
)
Ø
(
t
;
t
e
s
f
f
O
e
s
a
h
P
c
i
t
a
t
S
5
,
1
E
T
O
N
K
L
C
_
T
S
E
T0
4
2
-0
2
10
s
p
t
)
o
(
k
s3
,
2
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
0
5
2s
p
t
)
w
(
k
s6
,
3
E
T
O
N
;
w
e
k
S
y
c
n
e
u
q
e
r
F
e
l
p
i
t
l
u
M
0
5
3s
p
t
)
c
c
(
t
ij3
E
T
O
N
;
r
e
t
t
i
J
e
l
c
y
C
-
o
t
-
e
l
c
y
C
0
5
±s
p
f
O
C
V
4
E
T
O
N
;
e
g
n
a
R
k
c
o
L
O
C
V
L
L
P
0
=
L
E
S
_
O
C
V0
0
40
0
8z
H
M
1
=
L
E
S
_
O
C
V0
0
20
0
4z
H
M
t
K
C
O
L
e
m
i
T
k
c
o
L
L
L
P
0
1s
m
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
22
.
01
s
n
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
5
45
5%
t
a
d
e
r
u
s
a
e
m
s
r
e
t
e
m
a
r
a
p
ll
Af
X
A
M
.
e
s
i
w
r
e
h
t
o
d
e
t
o
n
s
s
e
l
n
u
l
a
n
g
i
s
t
u
p
n
i
k
c
a
b
d
e
e
f
e
g
a
r
e
v
a
e
h
t
d
n
a
k
c
o
l
c
e
c
n
e
r
e
f
e
r
t
u
p
n
i
e
h
t
n
e
e
w
t
e
b
e
c
n
e
r
e
f
f
i
d
e
m
i
t
e
h
t
s
a
d
e
n
i
f
e
D
:
1
E
T
O
N
.
e
l
b
a
t
s
s
i
y
c
n
e
u
q
e
r
f
e
c
n
e
r
e
f
e
r
t
u
p
n
i
e
h
t
d
n
a
d
e
k
c
o
l
s
i
L
L
P
e
h
t
n
e
h
w
:
2
E
T
O
N
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
.
s
t
n
i
o
p
s
s
o
r
c
l
a
i
t
n
e
r
e
f
f
i
d
t
u
p
t
u
o
e
h
t
t
a
d
e
r
u
s
a
e
M
:
3
E
T
O
N
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
.
6
÷
e
m
o
s
d
n
a
4
÷
,
2
÷
f
o
s
n
o
i
t
a
r
u
g
i
f
n
o
c
k
c
a
b
d
e
e
f
h
t
i
w
e
l
b
a
t
s
n
u
e
b
ll
i
w
L
L
P
e
h
t
,
0
=
L
E
S
_
O
C
V
n
e
h
W
:
4
E
T
O
N
.
2
÷
f
o
n
o
i
t
a
r
u
g
i
f
n
o
c
k
c
a
b
d
e
e
f
a
h
t
i
w
e
l
b
a
t
s
n
u
e
b
ll
i
w
L
L
P
e
h
t
,
1
=
L
E
S
_
O
C
V
n
e
h
W
.
8
÷
n
i
k
c
a
b
d
e
e
f
h
t
i
w
z
H
M
0
5
f
o
y
c
n
e
u
q
e
r
f
t
u
p
n
i
n
a
r
o
f
d
e
i
f
i
c
e
p
s
s
i
t
e
s
f
f
o
e
s
a
h
p
c
i
t
a
t
S
:
5
E
T
O
N
s
e
i
c
n
e
u
q
e
r
f
t
n
e
r
e
f
f
i
d
t
a
g
n
i
t
a
r
e
p
o
n
o
i
t
c
e
r
i
d
e
m
a
s
e
h
t
n
i
g
n
i
h
c
t
i
w
s
s
t
u
p
t
u
o
f
o
s
k
n
a
b
s
s
o
r
c
a
w
e
k
s
s
a
d
e
n
i
f
e
D
:
6
E
T
O
N
V
t
a
d
e
r
u
s
a
e
M
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
d
n
a
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
h
t
i
w
O
C
C
.
2
/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com