Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98458 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 98458
Description  High Temperature Stability and High Reliability Conditions
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

98458 Datasheet(HTML) 1 Page - Vishay Siliconix

  98458 Datasheet HTML 1Page - Vishay Siliconix 98458 Datasheet HTML 2Page - Vishay Siliconix 98458 Datasheet HTML 3Page - Vishay Siliconix 98458 Datasheet HTML 4Page - Vishay Siliconix 98458 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SM5S10CA thru SM5S85CA
www.vishay.com
Vishay General Semiconductor
Revision: 03-Mar-2023
1
Document Number: 98458
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface-Mount PAR® Transient Voltage Suppressors
High Temperature Stability and High Reliability Conditions
LINKS TO ADDITIONAL RESOURCES
FEATURES
• RoHS compliant junction passivation
•TJ = 175 °C capability suitable for high reliability
and automotive requirement
• Bidirectional
• Low leakage current
• High surge capability
• Meets ISO 7637-2 and ISO 16750-2 surge specification
(varied by test condition)
• Meets MSL level 1, per J-STD-020, LF maximum peak of
245 °C
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and lightning,
especially for automotive load dump protection application.
MECHANICAL DATA
Case:
DO-218AB
Molding compound meets UL 94 V-0 flammability rating
Base
P/NHM3
-
halogen-free,
RoHS-compliant,
and
AEC-Q101 qualified
Terminals:
matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
HM3 suffix meets JESD 201 class 2 whisker test
Polarity:
bidirectional, no cathode band
Notes
(1) Non-repetitive current pulse derated above TA = 25 °C, per fig. 3
(2) Power calculation is based on IPPM times defined maximum clamping voltage by pulse width
PRIMARY CHARACTERISTICS
VBR
11.1 V to 104 V
VWM
10 V to 85 V
PPPM (10 x 1000 μs)
3600 W
PPPM (10 x 10 000 μs)
2200 W for 12CA to 20CA
2400 W for 22CA to 85CA
PD
5 W
TJ max.
175 °C
Polarity
Bidirectional
Package
DO-218AB
DO-218AB
333
DDD3 D
3D Models
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak pulse power dissipation
with 10/1000 μs waveform (fig. 4)
PPPM (1)(2)
3600
W
with 10/10 000 μs waveform (fig. 5)
12CA to 20CA
2200
22CA to 85CA
2400
Power dissipation on infinite heatsink at TC = 25 °C (fig. 2)
PD
5W
Peak pulse current with 10/1000 μs waveform (fig. 4 )
IPPM (1)
See next table
A
Operating junction and storage temperature range
TJ, TSTG
-55 to +175
°C


Similar Part No. - 98458

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9845 ETC2-9845 Datasheet
109Kb / 1P
Service kit containing high quality standard cutters and pliers, screwdrivers and adjustable wrench
logo
Time Electronics Ltd.
9845 TIME-ELECTRONICS-9845 Datasheet
77Kb / 2P
9840 Series Power Calibrators (Single and 3 Phase)
V1a 01/01/07
More results

Similar Description - 98458

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMPG06-43A VISHAY-TMPG06-43A Datasheet
87Kb / 5P
Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
13-Dec-06
TPSMA43A VISHAY-TPSMA43A Datasheet
99Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
20-Sep-07
TMPG06-43A VISHAY-TMPG06-43A_08 Datasheet
102Kb / 5P
Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
21-Oct-08
TPSMA43A VISHAY-TPSMA43A_08 Datasheet
100Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
21-Oct-08
TPSMB43A VISHAY-TPSMB43A_08 Datasheet
104Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
21-Oct-08
TPSMC47A VISHAY-TPSMC47A Datasheet
109Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
21-Oct-08
TMPG06-6.8 VISHAY-TMPG06-6.8_11 Datasheet
85Kb / 5P
PAR Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
09-Feb-11
logo
List of Unclassifed Man...
RG1608P-204 ETC2-RG1608P-204 Datasheet
179Kb / 3P
High Reliability and Excellent Stability at different environmental conditions
logo
Vishay Siliconix
SM5A27T VISHAY-SM5A27T Datasheet
97Kb / 5P
High Temperature Stability and High Reliability Conditions
24-Mar-15
SM5S10AT VISHAY-SM5S10AT Datasheet
113Kb / 5P
High Temperature Stability and High Reliability Conditions
03-Jul-15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com