Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98458 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 98458
Description  High Temperature Stability and High Reliability Conditions
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

98458 Datasheet(HTML) 2 Page - Vishay Siliconix

  98458 Datasheet HTML 1Page - Vishay Siliconix 98458 Datasheet HTML 2Page - Vishay Siliconix 98458 Datasheet HTML 3Page - Vishay Siliconix 98458 Datasheet HTML 4Page - Vishay Siliconix 98458 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SM5S10CA thru SM5S85CA
www.vishay.com
Vishay General Semiconductor
Revision: 03-Mar-2023
2
Document Number: 98458
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Thermal resistance junction-to-ambient to follow JEDEC® 51-2A, device mounted on FR4 PCB, 2 oz. standard footprint
(2) Thermal resistance junction-to-mount to follow JEDEC® 51-14 using Transient Dual Interface Test Method (TDIM)
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
DEVICE
TYPE
BREAKDOWN
VOLTAGE
VBR (V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT
VWM
ID (μA)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
TJ = 175 °C
ID (μA)
MAX. PEAK
PULSE CURRENT
AT 10/1000 μs
WAVEFORM
IPPM (A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MIN.
NOM.
MAX.
SM5S10CA
11.1
11.7
12.3
5.0
10.0
15
250
212
17.0
SM5S11CA
12.2
12.9
13.5
5.0
11.0
10
150
198
18.2
SM5S12CA
13.3
14.0
14.7
5.0
12.0
10
150
181
19.9
SM5S13CA
14.4
15.2
15.9
5.0
13.0
10
150
167
21.5
SM5S14CA
15.6
16.4
17.2
5.0
14.0
10
150
155
23.2
SM5S15CA
16.7
17.6
18.5
5.0
15.0
10
150
148
24.4
SM5S16CA
17.8
18.8
19.7
5.0
16.0
10
150
138
26.0
SM5S17CA
18.9
19.9
20.9
5.0
17.0
10
150
130
27.6
SM5S18CA
20.0
21.1
22.1
5.0
18.0
10
150
123
29.2
SM5S20CA
22.2
23.4
24.5
5.0
20.0
10
150
111
32.4
SM5S22CA
24.4
25.7
26.9
5.0
22.0
10
150
101
35.5
SM5S24CA
26.7
28.1
29.5
5.0
24.0
10
150
92.5
38.9
SM5S26CA
28.9
30.4
31.9
5.0
26.0
10
150
85.5
42.1
SM5S28CA
31.1
32.8
34.4
5.0
28.0
10
150
79.3
45.4
SM5S30CA
33.3
35.1
36.8
5.0
30.0
10
150
74.4
48.4
SM5S33CA
36.7
38.7
40.6
5.0
33.0
10
150
67.5
53.3
SM5S36CA
40.0
42.1
44.2
5.0
36.0
10
150
62.0
58.1
SM5S40CA
44.4
46.8
49.1
5.0
40.0
10
150
55.8
64.5
SM5S43CA
47.8
50.3
52.8
5.0
43.0
10
150
51.9
69.4
SM5S45CA
50.0
52.7
55.3
5.0
45.0
10
150
49.5
72.7
SM5S48CA
53.3
56.1
58.9
5.0
48.0
10
150
46.5
77.4
SM5S51CA
56.7
59.7
62.7
5.0
51.0
10
150
43.7
82.4
SM5S54CA
60.0
63.2
66.3
5.0
54.0
10
150
41.3
87.1
SM5S58CA
64.4
67.8
71.2
5.0
58.0
10
150
38.5
93.6
SM5S60CA
66.7
70.2
73.7
5.0
60.0
10
150
37.2
96.8
SM5S64CA
71.1
74.9
78.6
5.0
64.0
10
150
35.0
103
SM5S70CA
77.8
81.9
86.0
5.0
70.0
10
150
31.9
113
SM5S75CA
83.3
87.7
92.1
5.0
75.0
10
150
29.8
121
SM5S78CA
86.7
91.3
95.8
5.0
78.0
10
150
28.6
126
SM5S85CA
94.4
99.2
104
5.0
85.0
10
150
26.3
137
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
TYP.
UNIT
Typical thermal resistance
RθJA
(1)
65
°C/W
RθJM
(2)
0.45
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SM5S10CAHM3/I (1)
2.505
I
750
13" diameter plastic tape and reel,
anode towards the sprocket hole



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com