Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98458 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 98458
Description  High Temperature Stability and High Reliability Conditions
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

98458 Datasheet(HTML) 3 Page - Vishay Siliconix

  98458 Datasheet HTML 1Page - Vishay Siliconix 98458 Datasheet HTML 2Page - Vishay Siliconix 98458 Datasheet HTML 3Page - Vishay Siliconix 98458 Datasheet HTML 4Page - Vishay Siliconix 98458 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SM5S10CA thru SM5S85CA
www.vishay.com
Vishay General Semiconductor
Revision: 03-Mar-2023
3
Document Number: 98458
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Peak Pulse Power Derating Curve
Fig. 2 - Power Derating Curve
Fig. 3 - Peak Pulse Power or Current vs.
Initial Junction Temperature
Fig. 4 - Pulse Waveform
Fig. 5 - Pulse Waveform
Fig. 6 - Typical Junction Capacitance (VWM)
10
100
1000
10000
1
10
100
10
100
1000
10000
t
d - Pulse Width (µs)
SM5S12CA~2
SM5S22CA~85CA
10
100
1000
10000
0.0
2.0
4.0
6.0
8.0
0
50
100
150
200
T
A - Ambient Temperature (°C)
FR-4 board, on minimum
recommended pad layout
10
100
1000
0
25
50
75
100
0
25
50
75
100
125
150
175
T
J - Initial Temperature (°C)
10
100
1000
10000
0
50
100
150
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
t
p -Time (ms)
T
J = 25 °C
Pulse width (t
d) is defined
as the point where the peak
current decays to 50 % of I
PPM
t
r = 10 µs
Peak value I
PPM
Half value I
PPM -IPPM/2
10/1000 µs waveform
t
d
10
100
1000
10000
0
50
100
150
0
10203040
t
p - Time (ms)
T
J = 25 °C
Pulse width (t
d) is defined
as the point where the peak
current decays to 50 % of I
PPM
t
r = 10 µs
Peak value I
PPM
Half value I
PPM -IPPM/2
10 µs/10 ms waveform
t
d
10
100
1000
10000
100
1000
10 000
10
20
30
40
50
60
70
80
90
V
WM - Reverse Stand-Off Voltage (V)
Measured at zero bias
Measured at stand-off
voltage, V
WM
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com