Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55035 Datasheet(PDF) 6 Page - STMicroelectronics

Part # PD55035
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55035 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PD55035 Datasheet HTML 2Page - STMicroelectronics PD55035 Datasheet HTML 3Page - STMicroelectronics PD55035 Datasheet HTML 4Page - STMicroelectronics PD55035 Datasheet HTML 5Page - STMicroelectronics PD55035 Datasheet HTML 6Page - STMicroelectronics PD55035 Datasheet HTML 7Page - STMicroelectronics PD55035 Datasheet HTML 8Page - STMicroelectronics PD55035 Datasheet HTML 9Page - STMicroelectronics PD55035 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Typical performance
PD55035-E, PD55035S-E
6/22
4
Typical performance
Figure 2.
Capacitance vs supply voltage
Figure 3.
Drain current vs
gate source voltage
Figure 4.
Gate-source voltage vs
case temperature
Figure 5.
Output power vs input power
1
10
100
1000
0
4
8
12
16
20
24
28
Vdd (V)
f = 1 MHz
Crss
Coss
Ciss
0
1
2
3
4
5
6
7
8
123
456
Vgs (V)
Vds = 10 V
0.97
0.98
0.99
1
1.01
1.02
-25
0
25
50
75
100
Tc (°C )
ID = 2 A
ID = 3 A
ID = 4 A
ID = 5 A
ID = 6 A
0
5
10
15
20
25
30
35
40
45
0
0.25
0.5
0.75
1
1.25
1.5
Pin (W )
Vdd=12.5 V
Idq = 200 mA
520 MHz
480, 500 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com