Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55035 Datasheet(PDF) 12 Page - STMicroelectronics

Part # PD55035
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55035 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PD55035 Datasheet HTML 8Page - STMicroelectronics PD55035 Datasheet HTML 9Page - STMicroelectronics PD55035 Datasheet HTML 10Page - STMicroelectronics PD55035 Datasheet HTML 11Page - STMicroelectronics PD55035 Datasheet HTML 12Page - STMicroelectronics PD55035 Datasheet HTML 13Page - STMicroelectronics PD55035 Datasheet HTML 14Page - STMicroelectronics PD55035 Datasheet HTML 15Page - STMicroelectronics PD55035 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Common source s-parameter
PD55035-E, PD55035S-E
12/22
7
Common source s-parameter
7.1
PD55035S (VDS = 12.5V IDS = 500mA)
Table 8.
S-parameter
FREQ
IS11IIS21IIS12IS12∠Φ
IS22IS22∠Φ
(MHz)
50
0.823
-162
14.28
86
0.015
-3
0.782
-168
100
0.855
-169
6.87
75
0.015
-11
0.798
-171
150
0.875
-172
4.50
68
0.014
-17
0.813
-172
200
0.891
-173
3.18
60
0.013
-24
0.835
-172
250
0.902
-174
2.42
53
0.012
-29
0.856
-172
300
0.918
-175
1.90
47
0.011
-32
0.876
-173
350
0.924
-176
1.52
42
0.010
-36
0.890
-173
400
0.934
-176
1.25
37
0.008
-37
0.903
-174
450
0.940
-177
1.03
33
0.007
-38
0.918
-175
500
0.949
-177
0.87
29
0.007
-40
0.928
-175
550
0.956
-178
0.74
26
0.005
-40
0.935
-176
600
0.958
-179
0.65
23
0.004
-36
0.946
-177
650
0.963
-180
0.56
20
0.004
-36
0.952
-178
700
0.968
180
0.49
18
0.003
-27
0.955
-178
750
0.971
179
0.44
15
0.003
-21
0.959
-179
800
0.970
179
0.39
13
0.002
-5
0.962
-179
850
0.973
178
0.35
12
0.002
11
0.967
-180
900
0.975
178
0.32
10
0.002
24
0.967
179
950
0.974
177
0.29
8
0.002
27
0.971
179
1000
0.976
177
0.26
7
0.003
47
0.972
178
1050
0.977
176
0.24
5
0.002
61
0.976
178
1100
0.976
176
0.22
4
0.003
69
0.976
177
1150
0.978
176
0.20
2
0.003
72
0.974
177
1200
0.979
175
0.19
1
0.004
78
0.975
176
1250
0.980
175
0.18
-1
0.004
87
0.977
176
1300
0.979
174
0.16
-2
0.005
86
0.976
176
1350
0.977
174
0.15
-3
0.006
88
0.975
175
1400
0.975
174
0.14
-3
0.006
91
0.977
174
1450
0.974
173
0.13
-3
0.006
97
0.975
174
1500
0.972
173
0.12
-4
0.007
117
0.969
174
S11∠Φ
S21∠Φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com