Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55035 Datasheet(PDF) 7 Page - STMicroelectronics

Part # PD55035
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55035 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PD55035 Datasheet HTML 3Page - STMicroelectronics PD55035 Datasheet HTML 4Page - STMicroelectronics PD55035 Datasheet HTML 5Page - STMicroelectronics PD55035 Datasheet HTML 6Page - STMicroelectronics PD55035 Datasheet HTML 7Page - STMicroelectronics PD55035 Datasheet HTML 8Page - STMicroelectronics PD55035 Datasheet HTML 9Page - STMicroelectronics PD55035 Datasheet HTML 10Page - STMicroelectronics PD55035 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
PD55035-E, PD55035S-E
Typical performance
7/22
Figure 6.
Power gain vs output power
Figure 7.
Efficiency vs output power
Figure 8.
Input return loss vs output power
Figure 9.
Output power vs bias current
10
12
14
16
18
20
22
24
0
10
2030
4050
Pout (W )
Vdd = 12.5 V
Idq = 200 m A
520 MHz
480, 500 MHz
10
20
30
40
50
60
70
0
1020
3040
50
Pout (W )
Vdd = 12.5 V
Idq = 200 m A
480 MHz
520 MHz
500 MHz
-30
-25
-20
-15
-10
-5
0
0
1020
3040
50
Pout (W )
Vdd =12.5 V
Idq = 200 m A
500 MHz
480 MHz
520 MHz
33
34
35
36
37
38
0
200
400
600
800
1000
Idq (mA)
Vdd = 12.5 V
Pin = 0.72 W
500 MHz
480 MHz
520 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com