Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8021 Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP8021
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8021 Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP8021 Datasheet HTML 32Page - Microchip Technology MCP8021 Datasheet HTML 33Page - Microchip Technology MCP8021 Datasheet HTML 34Page - Microchip Technology MCP8021 Datasheet HTML 35Page - Microchip Technology MCP8021 Datasheet HTML 36Page - Microchip Technology MCP8021 Datasheet HTML 37Page - Microchip Technology MCP8021 Datasheet HTML 38Page - Microchip Technology MCP8021 Datasheet HTML 39Page - Microchip Technology MCP8021 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
MCP8021/2
DS20006265D-page 36
 2020-2024 Microchip Technology Inc. and its subsidiaries
GET_CFG_2
17:0 00001000 (08h) Command not Acknowledged (response)
01001000 (48h) Command Acknowledged (response)
2
7:5 00h
Reserved
4:2 —
Driver dead time (for PWMH /PWML inputs)
000
2000 ns
001
1750 ns
010
1500 ns
011
1250 ns
100
1000 ns
101
750 ns
110
500 ns
111
250 ns
1:0 —
Driver blanking time (ignore Faults)
00
4000 ns
01
2000 ns
10
1000 ns
11
500 ns
GET_REV_ID 17:0 00010000 (10h) Command not Acknowledged (response)
01010000 (50h) Command Acknowledged (response)
2
7:4 00h
Reserved
3:0 00h-0Fh
Device hardware revision
TABLE 4-7:
DE2 COMMUNICATION MESSAGES FROM MCP8021/2 TO HOST (CONTINUED)
MESSAGE
BYTE BIT
VALUE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com