Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP8021 Datasheet(PDF) 63 Page - Microchip Technology

Part # MCP8021
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8021 Datasheet(HTML) 63 Page - Microchip Technology

Back Button MCP8021 Datasheet HTML 58Page - Microchip Technology MCP8021 Datasheet HTML 59Page - Microchip Technology MCP8021 Datasheet HTML 60Page - Microchip Technology MCP8021 Datasheet HTML 61Page - Microchip Technology MCP8021 Datasheet HTML 62Page - Microchip Technology MCP8021 Datasheet HTML 63Page - Microchip Technology MCP8021 Datasheet HTML 64Page - Microchip Technology MCP8021 Datasheet HTML 65Page - Microchip Technology MCP8021 Datasheet HTML 66Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 63 / 66 page
background image
 2020-2024 Microchip Technology Inc. and its subsidiaries
DS20006265D-page 63
MCP8021/2
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XXX
Package
Temperature
Range
Device
Device:
MCP8021
= 3-Phase BLDC Motor Gate Driver (VQFN-28,
TSSOP-28)
MCP8021T = 3-Phase BLDC Motor Gate Driver, Tape and
Reel (VQFN-28, TSSOP-28)
MCP8022
= 3-Phase BLDC Motor Gate Driver (VQFN-40,
TSSOP-38)
MCP8022T = 3-Phase BLDC Motor Gate Driver, Tape and
Reel (VQFN-40, TSSOP-38)
Tape and Reel:
T
= Tape and Reel(1)
Blank
= Standard packaging (tube)
Output Voltage
Option:
3315
= 3.3V
5015
= 5.0V
Temperature
Range:
H= -40
C to +150C
(High)
Package:
9PX
=
28-Lead VQFN
KEX
=
28-Lead TSSOP
NHX
=
40-Lead VQFN
SBX
=
38-Lead TSSOP
Qualification:
VAO
=
AEC-Q100 Automotive Qualified
Note 1:
Tape and Reel identifier only appears in the catalog
part number description. This identifier is used for
ordering purposes and is not printed on the device
package. Check with your Microchip Sales Office for
package availability with the Tape and Reel option.
[X](1)
Tape and Reel
Option
-XXXX
Output
Voltage
Examples:
a) MCP8021T-5015H/9PXVAO: Tape and Reel,
5.0V Output Voltage,
High Temperature,
28-Lead 5x5 VQFN package,
AEC-Q100 Automotive Qualified
b) MCP8022T-5015H/NHXVAO: Tape and Reel,
5.0V Output Voltage,
High Temperature,
40-Lead 5x5 VQFN package,
AEC-Q100 Automotive Qualified
c) MCP8021T-3315H/9PXVAO: Tape and Reel,
3.3V Output Voltage,
High Temperature,
28-Lead 5x5 VQFN package,
AEC-Q100 Automotive Qualified
d) MCP8022T-3315H/NHXVAO: Tape and Reel,
3.3V Output Voltage,
High Temperature,
40-Lead 5x5 VQFN package,
AEC-Q100 Automotive Qualified
e) MCP8021T-3315H/KEXVAO: Tape and Reel
3.3V Output Voltage,
High Temperature,
28-Lead 4x4 TSSOP package,
AEC-Q100 Automotive Qualified
f) MCP8022T-3315H/SBXVAO: Tape and Reel,
3.3V Output Voltage,
High Temperature,
38-Lead 4x4 TSSOP package,
AEC-Q100 Automotive Qualified
g) MCP8021-3315H/KEXVAO: Standard package (tube),
3.3V Output Voltage,
High Temperature,
28-Lead 4x4 TSSOP package,
AEC-Q100 Automotive Qualified
h) MCP8022-5015H/NHXVAO: Standard package (tube),
5.0V Output Voltage,
High Temperature,
40-Lead 5x5 VQFN package
AEC-Q100 Automotive Qualified
XXX
Qualification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com