Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF112YMU Datasheet(PDF) 28 Page - Microchip Technology

Part # MICRF112YMU
Description  The MICRF112 is a high-performance, easy-to-use, true “Data-In, RF-Out”, ASK/FSK, Phase-Locked Loop (PLL)- based, transmitter IC for applications in the 300 MHz to 450 MHz frequency range.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MICRF112YMU Datasheet(HTML) 28 Page - Microchip Technology

Back Button MICRF112YMU Datasheet HTML 24Page - Microchip Technology MICRF112YMU Datasheet HTML 25Page - Microchip Technology MICRF112YMU Datasheet HTML 26Page - Microchip Technology MICRF112YMU Datasheet HTML 27Page - Microchip Technology MICRF112YMU Datasheet HTML 28Page - Microchip Technology MICRF112YMU Datasheet HTML 29Page - Microchip Technology MICRF112YMU Datasheet HTML 30Page - Microchip Technology MICRF112YMU Datasheet HTML 31Page - Microchip Technology MICRF112YMU Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
MICRF112
Application Information
Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS70005554A - 28
Output Matching Network
Part of the function of the output network is to attenuate the second and third harmonics. When
matching to a transmit frequency, be sure not only to optimize for maximum output power but to
attenuate unwanted harmonics.
Layout Issues
PCB layout is extremely important to achieve optimum performance and consistent manufacturing
results. Be careful with the orientation of the components to ensure that they do not couple or
decouple the RF signal. PCB trace length must be short, to minimize parasitic inductance (1in ~
20nH). For example, depending on inductance values, a 0.5 in trace can change the inductance
by as much as 10%. To reduce parasitic inductance, the use of wide traces and a ground plane
under signal traces is recommended. Use vias with low-value inductance for components requiring a
connection to ground.
Antenna Layout
The antenna trace layout affects directivity. No ground plane must be under the antenna trace. For
consistent performance, do not place components inside the loop of the antenna.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com