Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF112YMU Datasheet(PDF) 36 Page - Microchip Technology

Part # MICRF112YMU
Description  The MICRF112 is a high-performance, easy-to-use, true “Data-In, RF-Out”, ASK/FSK, Phase-Locked Loop (PLL)- based, transmitter IC for applications in the 300 MHz to 450 MHz frequency range.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MICRF112YMU Datasheet(HTML) 36 Page - Microchip Technology

Back Button MICRF112YMU Datasheet HTML 32Page - Microchip Technology MICRF112YMU Datasheet HTML 33Page - Microchip Technology MICRF112YMU Datasheet HTML 34Page - Microchip Technology MICRF112YMU Datasheet HTML 35Page - Microchip Technology MICRF112YMU Datasheet HTML 36Page - Microchip Technology MICRF112YMU Datasheet HTML 37Page - Microchip Technology MICRF112YMU Datasheet HTML 38Page - Microchip Technology MICRF112YMU Datasheet HTML 39Page - Microchip Technology MICRF112YMU Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
MICRF112
Package Information
Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS70005554A - 36
14.
Package Information
This chapter provides information on package markings, dimension and footprint of the MICRF112 .
A
0.20 H A–B D
4X
Sheet 1 of 2
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
10-Lead Plastic Micro Small Outline Package (DQA)- 3x3x1.0 mm Body [MSOP]
© 2023 Microchip Technology Inc.
Microchip Technology Drawing C04-01081 Rev A
B
C
0.20
C A–B
D
0.25 C A–B D
2X 10 TIPS
12
3
10
NOTE1
SEATING
PLANE
D
E1 E
D1
E1
2
E
2
D1
2
D
2
10X b
A
A1
A2
e
A
A1
TOP VIEW
SIDE VIEW
END VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com