Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF112YMU Datasheet(PDF) 6 Page - Microchip Technology

Part # MICRF112YMU
Description  The MICRF112 is a high-performance, easy-to-use, true “Data-In, RF-Out”, ASK/FSK, Phase-Locked Loop (PLL)- based, transmitter IC for applications in the 300 MHz to 450 MHz frequency range.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MICRF112YMU Datasheet(HTML) 6 Page - Microchip Technology

Back Button MICRF112YMU Datasheet HTML 2Page - Microchip Technology MICRF112YMU Datasheet HTML 3Page - Microchip Technology MICRF112YMU Datasheet HTML 4Page - Microchip Technology MICRF112YMU Datasheet HTML 5Page - Microchip Technology MICRF112YMU Datasheet HTML 6Page - Microchip Technology MICRF112YMU Datasheet HTML 7Page - Microchip Technology MICRF112YMU Datasheet HTML 8Page - Microchip Technology MICRF112YMU Datasheet HTML 9Page - Microchip Technology MICRF112YMU Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
MICRF112
System Overview
Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS70005554A - 6
Parameter
Condition
Min.
Typ.
Max.
Units
Power Supply
Standby Supply Current, Iq
EN= VSS
—
0.05
1
µA
Mark Supply Current ION
@315 MHz, POUT = +10 dBm
—
11.5
—
mA
@433.92 MHz, POUT = +10 dBm
—
11.6
—
mA
SPACE Supply Current, IOFF
@ 315 MHz
—
2.4
—
mA
@ 433.92 MHz
—
2.7
—
mA
RF Output Section and Modulation Limits:
Output Power Level, POUTFSK or ASK “Mark”
@ 315 MHz(4)
—
10
—
dBm
@ 433.92 MHz(4)
—
10
—
dBm
Harmonics output for 315 MHz
@630 MHz(4) 2nd harm
—
-53
—
dBc
@945 MHz(4) 3rd harm
—
-53
—
dBc
Harmonics Output for
433.92 MHz
@867.84 MHz(4) 2nd harm
—
-51
—
dBc
@1301.76 MHz(4) 3rd harm
—
-65
—
dBc
Extinction Ratio for ASK
—
—
80
—
dBc
FSK Modulation
Frequency Deviation
Load capacitor = 10 pF, crystal type =
HC49/U
—
22
—
kHz
Data Rate
—
—
—
10
Kbps
ASK Modulation
Data Rate
—
—
—
50
Kbps
Occupied Bandwidth
@ 315 MHz(5)
—
<700 —
kHz
@ 433.92 MHz(5)
—
<1000 —
kHz
VCO Section
315 MHz Single Side Band Phase Noise
@100 kHz from Carrier
—
-76
—
dBc/Hz
@1000 kHz from Carrier
—
-79
—
dBc/Hz
433.92 MHz Single Side Band Phase Noise
@100 kHz from Carrier
—
-72
—
dBc/Hz
@1000 kHz from Carrier
—
-81
—
dBc/Hz
Reference Oscillator Section
XTLIN, XTLOUT, XTLMOD
Pin capacitance
—
2
—
pF
External Capacitance
See Schematic C17 and C18
—
18
—
pF
Oscillator Start-Up Time(6)
Crystal:HC49S
—
400
—
µs
Digital/Control Section
Output Blanking
STDBY transition from low to high
—
500
—
µs
Digital Input (EN, ASK and FSK)
High (VIH)
0.8 x VDD —
—
V
Low (VIL)
—
—
0.2xVDD V
Digital Input Leakage Current (EN, ASK and FSK
Pins)
High (VIH)
—
0.05
—
µA
Low (VIL)
—
0.05
—
µA
Undervoltage Lock Out (UVLO)
—
—
1.6
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com