Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA130UA/2K5 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA130UA/2K5
Description  Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA130UA/2K5 Datasheet(HTML) 5 Page - Texas Instruments

  OPA130UA/2K5 Datasheet HTML 1Page - Texas Instruments OPA130UA/2K5 Datasheet HTML 2Page - Texas Instruments OPA130UA/2K5 Datasheet HTML 3Page - Texas Instruments OPA130UA/2K5 Datasheet HTML 4Page - Texas Instruments OPA130UA/2K5 Datasheet HTML 5Page - Texas Instruments OPA130UA/2K5 Datasheet HTML 6Page - Texas Instruments OPA130UA/2K5 Datasheet HTML 7Page - Texas Instruments OPA130UA/2K5 Datasheet HTML 8Page - Texas Instruments OPA130UA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
OPA130, OPA2130, OPA4130
5
SBOS053A
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = ±15V, and RL = 10kΩ, unless otherwise noted.
MAXIMUM OUTPUT VOLTAGE
vs FREQUENCY
1M
Frequency (Hz)
10k
100k
30
25
20
15
10
5
0
V
S = ±2.25V
V
S = ±5V
Maximum output voltage
without slew-rate induced
distortion
V
S = ±15V
OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
Offset Voltage (µV)
15
10
5
0
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage Drift (µV/°C)
20
18
16
14
12
10
8
6
4
2
0
A
OL, CMR, PSR vs TEMPERATURE
Ambient Temperature (
°C)
140
130
120
110
100
–75
–50
–25
0
25
50
75
100
125
CMR
Open-Loop
Gain
PSR
QUIESCENT CURRENT AND SHORT-CIRCUIT CURRENT
vs TEMPERATURE
Temperature (
°C)
0.65
0.60
0.55
0.50
0.45
0.40
0.35
40
35
30
25
20
15
10
–75
–50
–25
0
25
50
75
100
125
I
SC
+
I
Q
I
SC
–
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
Frequency (Hz)
0.1
0.01
0.001
0.0001
100
1k
10k
100k
G = +1
G = +10
R
L = 10kΩ
R
L = 2kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com