Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA130UA/2K5 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA130UA/2K5
Description  Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA130UA/2K5 Datasheet(HTML) 1 Page - Texas Instruments

  OPA130UA/2K5 Datasheet HTML 1Page - Texas Instruments OPA130UA/2K5 Datasheet HTML 2Page - Texas Instruments OPA130UA/2K5 Datasheet HTML 3Page - Texas Instruments OPA130UA/2K5 Datasheet HTML 4Page - Texas Instruments OPA130UA/2K5 Datasheet HTML 5Page - Texas Instruments OPA130UA/2K5 Datasheet HTML 6Page - Texas Instruments OPA130UA/2K5 Datasheet HTML 7Page - Texas Instruments OPA130UA/2K5 Datasheet HTML 8Page - Texas Instruments OPA130UA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
OPA130
OPA2130
OPA4130
Low Power, Precision
FET-INPUT OPERATIONAL AMPLIFIERS
DESCRIPTION
The OPA130 series of FET-input op amps combine precision
dc performance with low quiescent current. Single, dual, and
quad versions have identical specifications for maximum
design flexibility. They are ideal for general-purpose, por-
table, and battery operated applications, especially with high
source impedance.
OPA130 op amps are easy to use and free from phase
inversion and overload problems often found in
common FET-input op amps. Input cascode circuitry pro-
vides excellent common-mode rejection and maintains low
input bias current over its wide input voltage range. OPA130
series op amps are stable in unity gain and provide excellent
dynamic behavior over a wide range of load conditions,
including high load capacitance. Dual and quad designs
feature completely independent circuitry for lowest crosstalk
and freedom from interaction, even when overdriven or
overloaded.
Single and dual versions are available in DIP-8 and SO-8
surface-mount packages. Quad is available in DIP-14 and
SO-14 surface-mount packages. All are specified for
–40
°C to +85°C operation.
FEATURES
q LOW QUIESCENT CURRENT: 530
µA/amp
q LOW OFFSET VOLTAGE: 1mV max
q HIGH OPEN-LOOP GAIN: 120dB min
q HIGH CMRR: 90dB min
q FET INPUT: I
B = 20pA max
q EXCELLENT BANDWIDTH: 1MHz
q WIDE SUPPLY RANGE:
±2.25 to ±18V
q SINGLE, DUAL, AND QUAD VERSIONS
1
2
3
4
8
7
6
5
NC
V+
Output
Offset Trim
Offset Trim
–In
+In
V–
OPA130
DIP-8, SO-8
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2130
DIP-8, SO-8
A
B
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Out D
–In D
+In D
V–
+In C
–In C
Out C
Out A
–In A
+In A
V+
+In B
–In B
Out B
OPA4130
DIP-14, SO-14
AD
BC
SBOS053A – MAY 1998 – REVISED MARCH 2006
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1998-2006, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
OPA1
30
OPA2
130
OPA1
30
OPA2
130
OPA41
30
OPA41
30


Similar Part No. - OPA130UA/2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA130UA BURR-BROWN-OPA130UA Datasheet
289Kb / 7P
Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA130UA/2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA130 BURR-BROWN-OPA130 Datasheet
289Kb / 7P
Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA07A ETC-PA07A Datasheet
64Kb / 4P
FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA07 APEX-PA07 Datasheet
247Kb / 4P
FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Analog Devices
ADA4000-1 AD-ADA4000-1_07 Datasheet
476Kb / 16P
Low Cost, Precision JFET Input Operational Amplifiers
5/07-Revision 0
ADA4000-1 AD-ADA4000-1_09 Datasheet
420Kb / 16P
Low Cost, Precision JFET Input Operational Amplifiers
REV. A
ADA4000-1 AD-ADA4000-1_16 Datasheet
578Kb / 16P
Low Cost, Precision JFET Input Operational Amplifiers
Rev. B
logo
Texas Instruments
TL071 TI-TL071_V03 Datasheet
5Mb / 84P
TL07xx Low-Noise FET-Input Operational Amplifiers
TL071 TI-TL071_V05 Datasheet
5Mb / 90P
TL07xx Low-Noise FET-Input Operational Amplifiers
logo
New Japan Radio
NJM062C NJRC-NJM062C Datasheet
4Mb / 21P
LOW-POWER J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
NJM072C NJRC-NJM072C Datasheet
1Mb / 21P
LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com