Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA130UA/2K5 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA130UA/2K5
Description  Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA130UA/2K5 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA130UA/2K5 Datasheet HTML 3Page - Texas Instruments OPA130UA/2K5 Datasheet HTML 4Page - Texas Instruments OPA130UA/2K5 Datasheet HTML 5Page - Texas Instruments OPA130UA/2K5 Datasheet HTML 6Page - Texas Instruments OPA130UA/2K5 Datasheet HTML 7Page - Texas Instruments OPA130UA/2K5 Datasheet HTML 8Page - Texas Instruments OPA130UA/2K5 Datasheet HTML 9Page - Texas Instruments OPA130UA/2K5 Datasheet HTML 10Page - Texas Instruments OPA130UA/2K5 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
OPA130, OPA2130, OPA4130
7
SBOS053A
www.ti.com
APPLICATIONS INFORMATION
OPA130 series op amps are unity-gain stable and suitable
for a wide range of general-purpose applications. Power
supply pins should be bypassed with 10nF ceramic capaci-
tors or larger.
OPA130 op amps are free from unexpected output phase-
reversal common with FET op amps. Many FET-input op
amps exhibit phase-reversal of the output when the input
common-mode voltage range is exceeded. This can occur in
voltage-follower circuits, causing serious problems in
control loop applications. OPA130 series op amps are free
from this undesirable behavior. All circuitry is completely
independent in dual and quad versions, assuring normal
behavior when one amplifier in a package is overdriven or
short-circuited.
OPERATING VOLTAGE
OPA130 series op amps operate with power supplies from
±2.25V to ±18V with excellent performance. Although speci-
fications are production tested with
±15V supplies, most
behavior remains unchanged throughout the full operating
voltage range. Parameters which vary significantly with
operating voltage are shown in the typical performance
curves.
OFFSET VOLTAGE TRIM
Offset voltage of OPA130 series amplifiers is laser trimmed
and usually requires no user adjustment. The OPA130
(single op amp version) provides offset voltage trim con-
nections on pins 1 and 5. Offset voltage can be adjusted by
connecting a potentiometer as shown in Figure 1. This
adjustment should be used only to null the offset of the op
amp, not to adjust system offset or offset produced by the
signal source. Nulling offset that is not produced by the
amplifier will change the offset voltage drift behavior of the
op amp.
V+
V–
100k
Ω
OPA130 single op amp only.
Use offset adjust pins only to null
offset voltage of op amp—see text.
Trim Range: ±5mV typ
OPA130
6
7
5
4
3
2
1
10nF
10nF
FIGURE 1. OPA130 Offset Voltage Trim Circuit.
INPUT BIAS CURRENT
The input bias current is approximately 5pA at room tem-
perature and increases with temperature as shown in the
Typical Characteristic curve
Input Bias Current vs Tempera-
ture.
Input stage cascode circuitry assures that the input bias
current remains virtually unchanged throughout the full input
common-mode range of the OPA130.
See the Typical
Characteristic curve
Input Bias Current vs Common-Mode
Voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com