Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEZ Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # CEZ
Description  Zener Diode Silicon Epitaxial Planar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CEZ Datasheet(HTML) 3 Page - Toshiba Semiconductor

  CEZ Datasheet HTML 1Page - Toshiba Semiconductor CEZ Datasheet HTML 2Page - Toshiba Semiconductor CEZ Datasheet HTML 3Page - Toshiba Semiconductor CEZ Datasheet HTML 4Page - Toshiba Semiconductor CEZ Datasheet HTML 5Page - Toshiba Semiconductor CEZ Datasheet HTML 6Page - Toshiba Semiconductor CEZ Datasheet HTML 7Page - Toshiba Semiconductor CEZ Datasheet HTML 8Page - Toshiba Semiconductor CEZ Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
CEZ series
3
6. Electrical Characteristics (Unless otherwise specified, Ta = 25 �)
Type No.
CEZ5V6
CEZ6V2
CEZ6V8
CEZ7V5
CEZ8V2
CEZ9V1
CEZ10V
CEZ11V
CEZ12V
CEZ13V
CEZ15V
CEZ16V
CEZ18V
CEZ20V
CEZ22V
CEZ24V
CEZ27V
CEZ30V
CEZ33V
CEZ36V
Min
5.3
5.8
6.4
7.0
7.7
8.5
9.4
10.4
11.4
12.4
13.8
15.3
16.8
18.8
20.8
22.8
25.1
28.0
31.0
34.0
Zener
VZ
Typ.
5.6
6.2
6.8
7.5
8.2
9.1
10.0
11.0
12.0
13.0
15.0
16.0
18.0
20.0
22.0
24.0
27.0
30.0
33.0
36.0
Voltage
(V)
Max
6.0
6.6
7.2
7.9
8.7
9.6
10.6
11.6
12.6
14.1
15.6
17.1
19.1
21.2
23.3
25.6
28.9
32.0
35.0
38.0
Test
Current
IZ (mA)
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
2
2
2
2
Dinamic
ZZ
Max
30
30
30
30
30
30
30
30
30
30
30
35
45
70
70
70
70
100
100
100
Impedance
(Ω)
Test
Current
IZ (mA)
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
2
2
2
2
Dynamic
Resistance
RDYN (Ω)
(Note 1)
Typ.
0.16
0.21
0.27
0.32
0.37
0.44
0.52
0.60
0.70
0.80
0.60
0.50
0.40
0.35
0.40
0.60
0.90
1.25
1.80
2.60
Clamp
Voltage
VC (V)
(Note 1)
(Note 2)
Typ.
9.0
10.0
13.0
14.0
16.5
17.0
19.0
24.0
26.0
27.0
24.0
27.0
28.5
30.5
32.0
36.5
45.0
47.5
57.0
63.0
Total
Capacit-
ance
Ct (pF)
(Note 3)
Typ.
125
105
88
78
67
62
60
48
44
42
36
35
31
29
27
26
23
21
19
18
Reverse
IR
Max
1
2.5
1.5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
Current
(µA)
Test
Voltage
VR (V)
3.5
5.0
5.5
6.0
7.0
7.5
8.0
9.0
10.0
11.0
12.0
14.0
16.0
17.6
18.0
19.0
23.0
27.0
30.0
32.5
Note1: TLP parameters: Z0 = 50 Ω, tp = 100 ns, tr = 300 ps, averaging window: t1 = 30 ns to t2 = 60 ns,
extraction of dynamic resistance using least squares fit of TLP characteristics between ITLP1 = 16 A
and ITLP2 = 30 A.
Note2: ITLP = 16 A
Note3: VR = 0 V, f = 1 MHz
2023-12-15
Rev.4.0
©2023
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com