Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEZ Datasheet(PDF) 16 Page - Toshiba Semiconductor

Part # CEZ
Description  Zener Diode Silicon Epitaxial Planar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CEZ Datasheet(HTML) 16 Page - Toshiba Semiconductor

Back Button CEZ Datasheet HTML 12Page - Toshiba Semiconductor CEZ Datasheet HTML 13Page - Toshiba Semiconductor CEZ Datasheet HTML 14Page - Toshiba Semiconductor CEZ Datasheet HTML 15Page - Toshiba Semiconductor CEZ Datasheet HTML 16Page - Toshiba Semiconductor CEZ Datasheet HTML 17Page - Toshiba Semiconductor CEZ Datasheet HTML 18Page - Toshiba Semiconductor CEZ Datasheet HTML 19Page - Toshiba Semiconductor CEZ Datasheet HTML 20Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
CEZ series
16
10.11. CEZ13V Characteristics Curves(Note)
Fig. 10.11.1
ITLP - VTLP
Fig. 10.11.2
VC - IPP
Fig. 10.11.3
IEC61000-4-2
Clamp Waveform +8 kV
Fig. 10.11.4
IEC61000-4-2
Clamp Waveform -8 kV
Note:
The above characteristics curves are presented for reference only and not guaranteed by production test,
unless otherwise noted.
Refer to Fig.10.22.1, Fig.10.22.2 for peak pulse current(Vc-IPP) and clamp waveform measurement circuit.
2023-12-15
Rev.4.0
©2023
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com