Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEZ Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # CEZ
Description  Zener Diode Silicon Epitaxial Planar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CEZ Datasheet(HTML) 1 Page - Toshiba Semiconductor

  CEZ Datasheet HTML 1Page - Toshiba Semiconductor CEZ Datasheet HTML 2Page - Toshiba Semiconductor CEZ Datasheet HTML 3Page - Toshiba Semiconductor CEZ Datasheet HTML 4Page - Toshiba Semiconductor CEZ Datasheet HTML 5Page - Toshiba Semiconductor CEZ Datasheet HTML 6Page - Toshiba Semiconductor CEZ Datasheet HTML 7Page - Toshiba Semiconductor CEZ Datasheet HTML 8Page - Toshiba Semiconductor CEZ Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
CEZ series
1
Zener Diode Silicon Epitaxial Planar
CEZ series
Start of commercial production
2020-07
1. Applications
(1)
Voltage surge protection
2. Features
(1)
Small package
(2)
The typical voltage of VZ is accorded to E24 series.
3. Packaging and Internal Circuit
ESC
1: Cathode
2: Anode
4. Absolute Maximum Ratings 1 (Note) (Unless otherwise specified, Ta = 25 �)
Characteristics
Power dissipation
Junction temperature
Storage temperature
Symbol
PD
Tj
Tstg
Note
(Note 1)
(Note 2)
Rating
150
300
150
-55 to 150
Unit
mW
�
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Mounted on a glass epoxy circuit board of 20 mm × 20 mm, Cu pad: 4 mm × 4 mm.
Note 2: Mounted on a glass epoxy circuit board of 25.4 mm × 25.4 mm × 1.6 mm, Cu pad: 645 mm2
2023-12-15
Rev.4.0
©2023
Toshiba Electronic Devices & Storage Corporation


Similar Part No. - CEZ

ManufacturerPart #DatasheetDescription
logo
CET-MOS Technology Corp...
CEZ03R10 CET-MOS-CEZ03R10 Datasheet
513Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2020.Jan
CEZ04R10 CET-MOS-CEZ04R10 Datasheet
1Mb / 6P
N-Channel Enhancement Mode Field Effect Transistor
Rev 2. 2019.May
CEZ04R10L CET-MOS-CEZ04R10L Datasheet
857Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2022.May
CEZ05P03 CET-MOS-CEZ05P03 Datasheet
767Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
Rev 2. 2016.Aug
CEZ05P04 CET-MOS-CEZ05P04 Datasheet
1Mb / 6P
P-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2022.Sep
More results

Similar Description - CEZ

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
Z02W2.0V KEC-Z02W2.0V Datasheet
92Kb / 5P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
Z02W100V KEC-Z02W100V Datasheet
438Kb / 2P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ2.0VV KEC-KDZ2.0VV Datasheet
77Kb / 4P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ3.3EV KEC-KDZ3.3EV Datasheet
557Kb / 4P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ5.6CE KEC-KDZ5.6CE Datasheet
360Kb / 2P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ5.6CF KEC-KDZ5.6CF Datasheet
360Kb / 2P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ6.8CE KEC-KDZ6.8CE Datasheet
438Kb / 2P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ6.8CF KEC-KDZ6.8CF Datasheet
363Kb / 2P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ6.8DE KEC-KDZ6.8DE Datasheet
363Kb / 2P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ20V KEC-KDZ20V Datasheet
95Kb / 3P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com