Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7351 Datasheet(PDF) 21 Page - Microchip Technology

Part # HV7351
Description  8-Channel, ±70V, 3A Programmable High-Voltage Ultrasound-Transmit Beamformer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7351 Datasheet(HTML) 21 Page - Microchip Technology

Back Button HV7351 Datasheet HTML 17Page - Microchip Technology HV7351 Datasheet HTML 18Page - Microchip Technology HV7351 Datasheet HTML 19Page - Microchip Technology HV7351 Datasheet HTML 20Page - Microchip Technology HV7351 Datasheet HTML 21Page - Microchip Technology HV7351 Datasheet HTML 22Page - Microchip Technology HV7351 Datasheet HTML 23Page - Microchip Technology HV7351 Datasheet HTML 24Page - Microchip Technology HV7351 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
 2015-2019 Microchip Technology Inc.
DS20005412B-page 21
HV7351
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Dimension Limits
Units
D
Overall Width
Overall Length
Exposed Pad Length
Exposed Pad Width
Terminal Thickness
D2
E2
E
9.70
MILLIMETERS
0.203 REF
MIN
(A3)
MAX
11.00 BSC
Terminal Length
Terminal Width
L
b
0.50
0.30
Notes:
1.
K
Terminal-to-Exposed Pad
0.20
NOM
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
3.
2.
REF: Reference Dimension, usually without tolerance, for information purposes only.
Standoff
A1
-
Overall Height
A
0.85
Pitch
e
0.50 BSC
Number of Terminals
N80
0.30
0.18
9.50
0.00
0.80
0.25
0.40
-
9.60
11.00 BSC
0.05
0.90
-
Pin 1 visual index feature may vary, but must be located within the hatched area.
Dimensioning and tolerancing per ASME Y14.5M.
Package is saw singulated.
Microchip Technology Drawing C04-301A-8FX Sheet 2 of 2
80-Lead Plastic Quad Flat, No Lead Package (8FX) – 11x11x0.9 mm Body [VQFN]
9.70
9.50
9.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com