Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7351 Datasheet(PDF) 13 Page - Microchip Technology

Part # HV7351
Description  8-Channel, ±70V, 3A Programmable High-Voltage Ultrasound-Transmit Beamformer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7351 Datasheet(HTML) 13 Page - Microchip Technology

Back Button HV7351 Datasheet HTML 9Page - Microchip Technology HV7351 Datasheet HTML 10Page - Microchip Technology HV7351 Datasheet HTML 11Page - Microchip Technology HV7351 Datasheet HTML 12Page - Microchip Technology HV7351 Datasheet HTML 13Page - Microchip Technology HV7351 Datasheet HTML 14Page - Microchip Technology HV7351 Datasheet HTML 15Page - Microchip Technology HV7351 Datasheet HTML 16Page - Microchip Technology HV7351 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
 2015-2019 Microchip Technology Inc.
DS20005412B-page 13
HV7351
2.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin
Symbol
Description
1AVDD
Positive analog supply voltage (+5.0V).
2
DIN2
Serial data in for delay counters and frequency divider.
3CS2
Activates DIN2. Input logic high = off, input logic low = on.
4
SIZE
Sets pattern width to either 16 bits or 32 bits. Logic low = 16 bits, logic high = 32 bits.
5
INV
Inverts the TX output waveform. See Table 1-3 for details.
6
CW
Activates CW mode. Logic low = non-CW mode, logic high = CW mode.
See Table 1-3 for details.
7
DOUT2
Data out for delay counters and frequency divider.
8
EN
Enables and disables device. Logic low = off, logic high = on.
9
SCK
Serial clock input for Serial Shift registers.
10, 50
DVDD
Positive digital supply voltage (+5.0V).
11, 43, 51, 58
DGND
Digital ground.
12
TRIG
Toggles all TX outputs to transmit. Needs to be high for two rising edges of TCK.
Delay counters will start on the rising edge of the TCK pin right after the falling edge of
the TRIG signal. See Section 1.1 “Timing Diagrams” for details.
13
TCK
The TCK and TCK pins can be driven by LVDS or SSTL types of output in a
differential manner. The TCK pin can be driven by LVCMOS single-ended output
while setting the TCK to GND (or DC value of 0.4V to 0.6V). The logic trip point is on
the TCK rising edge and on the TCK falling edge, crossing in the differential manner.
In the single-ended case, the trip point is on the TCK rising edge.
14
TCK
15
VLL
Logic interface supply voltage (3.3V).
16
CS1
Activates DIN1. Input logic high = off, input logic low = on.
17
DOUT1
Data out for P-Channel and N-Channel Pattern registers.
18
A0
Decoded to select one of four patterns to be loaded.
19
A1
20
DIN1
Serial data in for P-Channel and N-Channel Pattern registers.
21
VRN
Negative supply for VPF regulator (-5.0V).
22, 49, 52, 79
PVDD
Positive gate drive supply voltage for RTZ output transistors (+5.0V).
23, 24, 46, 48,
53, 55, 77, 78
PGND
Power ground path for RTZ output transistors.
25, 47, 54, 76
PVSS
Negative gate drive supply voltage for RTZ output transistors (-5.0V).
26, 45, 56, 75
VPF
Linear regulator output gate drive voltage for the P-Channel output transistors. A
low-voltage 1.0 µF ceramic capacitor needs to be connected across every VPF and
VPP pins. There are four capacitors required in total.
27
NC
No connection.
28, 42, 59, 73
VNF
Linear regulator output gate drive voltage for the N-Channel output transistors. A
low-voltage 1.0 µF ceramic capacitor needs to be connected across every VNF to VNN
pins. There are four capacitors required in total.
29, 34, 35, 40,
41, 60, 61, 66,
67, 72
VNN
Negative high-voltage supply (-3.0V to -70V).
30
TX1
Transmit pulser outputs for Channel 1.
31, 32, 37, 38,
44, 57, 63, 64,
69, 70
VPP
Positive high-voltage supply (+3.0V to +70V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com