Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7351 Datasheet(PDF) 10 Page - Microchip Technology

Part # HV7351
Description  8-Channel, ±70V, 3A Programmable High-Voltage Ultrasound-Transmit Beamformer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7351 Datasheet(HTML) 10 Page - Microchip Technology

Back Button HV7351 Datasheet HTML 6Page - Microchip Technology HV7351 Datasheet HTML 7Page - Microchip Technology HV7351 Datasheet HTML 8Page - Microchip Technology HV7351 Datasheet HTML 9Page - Microchip Technology HV7351 Datasheet HTML 10Page - Microchip Technology HV7351 Datasheet HTML 11Page - Microchip Technology HV7351 Datasheet HTML 12Page - Microchip Technology HV7351 Datasheet HTML 13Page - Microchip Technology HV7351 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
HV7351
DS20005412B-page 10
 2015-2019 Microchip Technology Inc.
TEMPERATURE SPECIFICATIONS
Electrical Specifications: Unless otherwise specified: VLL = 3.3V, AVDD = DVDD = PVDD = VRP = 5.0V,
PVSS = VRN = -5.0V, VPP = +70V, VNN = -70V, TA = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Ambient Temperature Range
TA
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
Maximum Junction Temperature
TJ
-40
—
+150
°C
Package Thermal Resistances
Thermal Resistance, 80L-11x11 mm VQFN
JA
—14
—
°C/W
TABLE 1-3:
LOGIC TRUTH TABLE
Mode
Inputs
Outputs
Comments
EN
CW
INV
NIN
PIN
N-Ch.
P-Ch.
RTZ
Non-CW mode. Outputs
not inverted. Outputs are
controlled by data in the
Shift registers.
10
x
x
0
0
OFF
OFF
ON
Return-to-Zero (RTZ) is
activated when NIN and PIN
are both low. Output is pulled to
ground through a series diode.
10
x
0
0
1
OFF
ON
OFF
Not inverted. Logic ‘1’ in the
P-Channel register turns on the
output P-Channel MOSFET.
10
x
0
1
0
ON
OFF
OFF
Not inverted. Logic ‘1’ in the
N-Channel register turns on the
output N-Channel MOSFET.
10
x
x
1
1
OFF
OFF
OFF
Avoids cross overcurrent. A
logic ‘1’ in both P- and
N-Channel registers will put the
output in a High-Z state.
Non-CW mode. Outputs
are inverted. Outputs are
controlled by data in the
Shift registers.
10
x
1
0
1
ON
OFF
OFF
Transmit pattern is inverted.
10
x
1
1
0
OFF
ON
OFF
CW mode.
Output follows fCW.
1x
All ‘1’s
xx
x
OFF
OFF
OFF
If 10-bit counter reaches all
‘1’s, then the channel will be
turned off.
11
Not
all ‘1’s
xx
x
OFF/ ON ON/ OFF
OFF
The channel’s output follows
the fCW signal. The Shift
registers for PIN and NIN
remain static to save power.
Device disabled.
0x
x
x
x
x
OFF
OFF
OFF
High-Z state.
Legend:
x = Don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com