Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF06-MSD01F2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # EMIF06-MSD01F2
Description  IPAD??Mini and micro SD Card - EMI filtering and 25 kV ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-MSD01F2 Datasheet(HTML) 6 Page - STMicroelectronics

  EMIF06-MSD01F2 Datasheet HTML 1Page - STMicroelectronics EMIF06-MSD01F2 Datasheet HTML 2Page - STMicroelectronics EMIF06-MSD01F2 Datasheet HTML 3Page - STMicroelectronics EMIF06-MSD01F2 Datasheet HTML 4Page - STMicroelectronics EMIF06-MSD01F2 Datasheet HTML 5Page - STMicroelectronics EMIF06-MSD01F2 Datasheet HTML 6Page - STMicroelectronics EMIF06-MSD01F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Ordering information
EMIF06-mSD01F2
6/7
Figure 12.
Flip-Chip Tape and reel specification
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Note:
More packing information is available in the application notes:
AN1235: “Flip-Chip: Package description and recommendations for use”
AN1751: "EMI Filters: Recommendations and measurements"
5
Ordering information
6
Revision history
Dot identifying Pin A1 location
User direction of unreeling
All dimensions in mm
4 +/- 0.1
4 +/- 0.1
Ø 1.5 +/- 0.1
0.73 +/- 0.05
Ordering code
Marking
Package
Weight
Base qty
Delivery mode
EMIF06-mSD01F2
HJ
Flip-Chip
5.3 mg
5000
Tape and reel 7”
Date
Revision
Description of Changes
02-Feb-2007
1
First issue.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com