Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF06-MSD01F2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EMIF06-MSD01F2
Description  IPAD??Mini and micro SD Card - EMI filtering and 25 kV ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-MSD01F2 Datasheet(HTML) 2 Page - STMicroelectronics

  EMIF06-MSD01F2 Datasheet HTML 1Page - STMicroelectronics EMIF06-MSD01F2 Datasheet HTML 2Page - STMicroelectronics EMIF06-MSD01F2 Datasheet HTML 3Page - STMicroelectronics EMIF06-MSD01F2 Datasheet HTML 4Page - STMicroelectronics EMIF06-MSD01F2 Datasheet HTML 5Page - STMicroelectronics EMIF06-MSD01F2 Datasheet HTML 6Page - STMicroelectronics EMIF06-MSD01F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
EMIF06-mSD01F2
2/7
1
Characteristics
Figure 1.
EMIF06-mSD01F2 configuration
Table 1.
Absolute ratings (limiting values)
Symbol
Parameter and test conditions
Value
Unit
VPP
ESD discharge IEC 61000-4-2, air discharge
ESD discharge IEC 61000-4-2, contact discharge
25
25
kV
Vin
Maximum input voltage
5.5
V
Tj
Maximum junction temperature
125
° C
Top
Operating temperature range
- 40 to + 85
° C
Tstg
Storage temperature range
125
° C
Table 2.
Electrical characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
IR = 1 mA
14
16
V
IRM
VRM = 3 V
0.1
µA
R1, R2, R3, R4, R5, R6
Tolerance ±20%
40
Ω
R9, R10, R11, R12, R13
Tolerance ±30%
25
k
Ω
Cline
V = 0 V, F = 1 MHz Vosc = 30 mV
17
20
pF
Host
Clk
CMD
Data0
Data1
Data2
Data3/CD
R1
R2
R3
R4
R5
R6
R9
R10
R11 R12
Vcc
SDClk
SDCMD
SDData0
SDData1
SDData2
SDData3/CD
Vss
Vss
Card
R13



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com