Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF06-MSD01F2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF06-MSD01F2
Description  IPAD??Mini and micro SD Card - EMI filtering and 25 kV ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-MSD01F2 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF06-MSD01F2 Datasheet HTML 1Page - STMicroelectronics EMIF06-MSD01F2 Datasheet HTML 2Page - STMicroelectronics EMIF06-MSD01F2 Datasheet HTML 3Page - STMicroelectronics EMIF06-MSD01F2 Datasheet HTML 4Page - STMicroelectronics EMIF06-MSD01F2 Datasheet HTML 5Page - STMicroelectronics EMIF06-MSD01F2 Datasheet HTML 6Page - STMicroelectronics EMIF06-MSD01F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Technical information
EMIF06-mSD01F2
4/7
2
Technical information
Figure 7.
T-Flash connection diagram recommendation
(MicroSD Specification Ver 1.0)
Pull-up resistance RDAT and RCMD are implemented to prevent bus floating when no card is
inserted or when all card drivers are in high impedance mode. Resistance values should be
set between 10 k
Ω and 100 kΩ .
The pull-up resistors and capacitors described in the above recommendation are integrated
in the EMIF06-mSD01F2. This makes the EMIF06-mSD01F2 an easy "plug and play"
solution to implement secured T-flash, mini-SD card terminations.
Figure 8.
Layout recommendation
CMD
RDAT RCMD
DAT0~3
CLK
C1 C2 C3
HOST
CLK
DAT0
CMD
DAT1
DAT2
VSS
VCC
NC
NC
VSS
GND
Top View
CLK
DAT0
CMD
DAT1
DAT3/CD
DAT2
Input
Output
Top level
Second level
DAT3/CD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com