Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F87 Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC16F87
Description  Flash Memory Programming Specification
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87 Datasheet(HTML) 4 Page - Microchip Technology

  PIC16F87 Datasheet HTML 1Page - Microchip Technology PIC16F87 Datasheet HTML 2Page - Microchip Technology PIC16F87 Datasheet HTML 3Page - Microchip Technology PIC16F87 Datasheet HTML 4Page - Microchip Technology PIC16F87 Datasheet HTML 5Page - Microchip Technology PIC16F87 Datasheet HTML 6Page - Microchip Technology PIC16F87 Datasheet HTML 7Page - Microchip Technology PIC16F87 Datasheet HTML 8Page - Microchip Technology PIC16F87 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
PIC16F87/88
DS39607B-page 4
 2002 Microchip Technology Inc.
FIGURE 2-6:
PIC16F88 28-PIN QFN
TABLE 2-1:
PIN DESCRIPTIONS (DURING PROGRAMMING): PIC16F87/88
16
2
RA5/MCLR/VPP
NC
AVSS
NC
RB0/INT/CCP1(1)
RA7/OSC1/CLKI
RA6/OSC2/CLKO
VDD
NC
AVDD
RB7/AN6/PGD/T1OSI
RB6/AN5/PGC/T1OSO/T1CKI
7
PIC16F88
1
3
6
5
4
15
21
19
20
17
18
VSS
NC
Note 1: Location of CCP1 function is determined by CCPMX.
Pin Name
During Programming
Function
Pin Type
Pin Description
RB3
PGM
I
Low-Voltage ICSP Programming Input if LVP
Configuration bit equals ‘1’
RB6
CLOCK
I
Clock Input
RB7
DATA
I/O
Data Input/Output
MCLR
VPP
P*
Program Mode Select
VDD
VDD
P
Power Supply
VSS
VSS
P
Ground
Legend: I = Input, O = Output, P = Power
* To activate the Programming mode, high voltage needs to be applied to the MCLR input. Since MCLR is
used for a level source, this means that MCLR does not draw any significant current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com