Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F87 Datasheet(PDF) 18 Page - Microchip Technology

Part # PIC16F87
Description  Flash Memory Programming Specification
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87 Datasheet(HTML) 18 Page - Microchip Technology

Back Button PIC16F87 Datasheet HTML 14Page - Microchip Technology PIC16F87 Datasheet HTML 15Page - Microchip Technology PIC16F87 Datasheet HTML 16Page - Microchip Technology PIC16F87 Datasheet HTML 17Page - Microchip Technology PIC16F87 Datasheet HTML 18Page - Microchip Technology PIC16F87 Datasheet HTML 19Page - Microchip Technology PIC16F87 Datasheet HTML 20Page - Microchip Technology PIC16F87 Datasheet HTML 21Page - Microchip Technology PIC16F87 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
PIC16F87/88
DS39607B-page 18
 2002 Microchip Technology Inc.
7.0
PROGRAM MODE ELECTRICAL CHARACTERISTICS
TABLE 7-1:
TIMING REQUIREMENTS FOR PROGRAM MODE
AC/DC CHARACTERISTICS
POWER SUPPLY PINS
Standard Operating Procedure (unless otherwise stated)
Operating Temperature
0
≤ TA ≤ +70°C
Operating Voltage
2.0V
≤ VDD ≤ 5.5V
Characteristics
Sym
Min
Typ
Max
Units
Conditions/Comments
General
VDD level for Begin Erase, Begin
Program operations and EECON1
writes of program memory
VDD
2.0
—
5.5
V
VDD level for Begin Erase, Begin
Program operations and EECON1
writes of data memory
VDD
2.0
—
5.5
V
VDD level for Bulk Erase, Chip Erase,
and Begin Program operations of
program and data memory
VDD
4.5
—
5.5
V
Begin Programming Only cycle time
tprog1
1
—
—
ms
Externally Timed, > 4.5V
2
—
—
ms
Externally Timed, < 4.5V
Begin Erase
tprog2
1
—
—
ms
Externally Timed, > 4.5V
2
—
—
ms
Externally Timed, < 4.5V
Bulk Erase cycle time
tprog3
2
—
—
ms
Externally Timed
Chip Erase cycle time
tprog4
8
—
—
ms
Internally Timed
High voltage on MCLR and
RA4/T0CKI for Program mode entry
VIHH
VDD + 3.5
—
13.5
V
MCLR rise time (VSS to VHH) for
Program mode entry
tVHHR
—
—
1.0
µs
(RB6, RB7) input high level
VIH10.8 VDD
—
—
V
Schmitt Trigger input
(RB6, RB7) input low level
VIL10.2 VDD
—
—
V
Schmitt Trigger input
RB<7:4> setup time before MCLR
↑
(Program mode selection pattern
setup time)
tset0
100
—
—
ns
RB<7:4> hold time after MCLR
↑
(Program mode selection pattern
setup time)
thld0
5
—
—
µs
Serial Program
Data in setup time before clock
↓
tset1
100
—
—
ns
Data in hold time after clock
↓
thld1
100
—
—
ns
Data input not driven to next clock
input (delay required between
command/data or command/
command)
tdly1
1.0
—
—
µs2.0V ≤ VDD < 4.5V
100
—
—
ns
4.5V
≤ VDD ≤ 5.5V
Delay between clock
↓ to clock↑
of next command or data
tdly2
1.0
—
—
µs2.0V ≤ VDD < 4.5V
100
—
—
ns
4.5V
≤ VDD ≤ 5.5V
Clock
↑ to data out valid
(during read data)
tdly3
80
—
—
ns
Setup time between VDD rise and
MCLR rise
tpu
tset0
—
250
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com