Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F87 Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC16F87
Description  Flash Memory Programming Specification
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC16F87 Datasheet HTML 3Page - Microchip Technology PIC16F87 Datasheet HTML 4Page - Microchip Technology PIC16F87 Datasheet HTML 5Page - Microchip Technology PIC16F87 Datasheet HTML 6Page - Microchip Technology PIC16F87 Datasheet HTML 7Page - Microchip Technology PIC16F87 Datasheet HTML 8Page - Microchip Technology PIC16F87 Datasheet HTML 9Page - Microchip Technology PIC16F87 Datasheet HTML 10Page - Microchip Technology PIC16F87 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
 2002 Microchip Technology Inc.
DS39607B-page 7
PIC16F87/88
3.4
Program Mode
Program mode is entered by holding pins RB6 and RB7
low, while raising MCLR pin from VIL to VIHH (high
voltage). In this mode, the state of the RB3 pin does not
effect programming. Low-Voltage ICSP Programming
mode is entered by raising RB3 from VIL to VDD, and
then applying VDD to MCLR. Once in this mode, the
user program memory, as well as the configuration
memory, can be accessed and programmed in serial
fashion. The mode of operation is serial, and the
memory accessed is the user program memory. RB6
and RB7 are Schmitt Trigger inputs in this mode.
The sequence that enters the device into the
Programming mode places all other logic into the
RESET state (the MCLR pin was initially at VIL). This
means all I/O are in the RESET state (high-impedance
inputs).
A device RESET will clear the PC and set the address
to ‘0’. The ‘Increment Address’ command will
increment the PC. The ‘Load Configuration’ command
will set the PC to 0x2000. The available commands are
shown in Table 3-1.
The normal sequence for programming four program
memory words at a time is as follows:
1.
Set pointer to row location.
2.
Issue a ‘Begin Erase’ command.
3.
Wait tprog2.
4.
Issue an ‘End Programming’ command.
5.
Load a word at the current program memory
address using the ‘Load Data’ command.
6.
Issue an ‘Increment Address’ command.
7.
Load a word at the current program memory
address using the ‘Load Data’ command.
8.
Repeat Step 6 and Step 7 two times.
9.
Issue a ‘Begin Programming’ command to begin
programming.
10. Wait tprog1.
11. Issue an ‘End Programming’ command.
12. Increment to the next address.
13. Repeat steps 5 through 12 seven times to
program one row.
The address and program counter are reset to 0x0000
by resetting the device (taking MCLR below VIL) and
re-entering
Programming
mode.
Program
and
configuration memory may then be read or verified
using the ‘Read Data’ and ‘Increment Address’
commands.
3.4.1
LOW-VOLTAGE ICSP
PROGRAMMING MODE
Low-voltage ICSP Programming mode allows a
PIC16F87/88 device to be programmed using VDD
only. However, when this mode is enabled by a
configuration bit (LVP), the PIC16F87/88 device
dedicates RB3 to control entry/exit into Programming
mode.
When the LVP bit is set to ‘1’, the Low-voltage ICSP
Programming entry is enabled. Since the LVP
configuration
bit
allows
Low-voltage
ICSP
Programming entry in its erased state, an erased
device will have the LVP bit enabled at the factory.
While LVP is ‘1’, RB3 is dedicated to Low-voltage ICSP
Programming. The following LVP steps assume the
LVP bit is set in the Configuration register.
1.
Apply VDD to the VDD pin.
2.
Drive MCLR low.
3.
Apply VDD to the RB3/PGM pin.
4.
Apply VDD to the MCLR pin.
All other specifications for High-voltage ICSP apply.
To disable Low-voltage ICSP mode, the LVP bit must
be programmed to ‘0’. This must be done while entered
with the High-voltage Entry mode (LVP bit = 1). RB3 is
now a general purpose I/O pin.
Note:
The Osc must not have 72 osc clocks
while the device MCLR is between VIL and
VIHH.
Note:
The MCLR pin should be raised from
below VIL to above the minimum VIHH
(VPP), within 250 µs of VDD rise. This
ensures that the device always enters
Programming
mode
before
any
instructions that may be in program
memory can be executed. Otherwise,
unintended instruction execution could
occur when the INTRC clock source is
configured as the primary clock. Refer to
Figure 7-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com