Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI3215 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # SI3215
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3215 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button SI3215 Datasheet HTML 17Page - Silicon Laboratories SI3215 Datasheet HTML 18Page - Silicon Laboratories SI3215 Datasheet HTML 19Page - Silicon Laboratories SI3215 Datasheet HTML 20Page - Silicon Laboratories SI3215 Datasheet HTML 21Page - Silicon Laboratories SI3215 Datasheet HTML 22Page - Silicon Laboratories SI3215 Datasheet HTML 23Page - Silicon Laboratories SI3215 Datasheet HTML 24Page - Silicon Laboratories SI3215 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 118 page
background image
Si3215
Rev. 0.92
21
Figure 13. Si321x Optional Equivalent Q5, Q6 Bias Circuit3
Q9
NPN General Purpose BJT
ON Semi MMBT2222ALT1,
MPS2222A; Central Semi
CMPT2222A; Zetex FMMT2222
R1,R3
200 k
Ω, 1/10 W, ±1%
R2,R4,R5,
R102,R104,
R105
100 k
Ω, 1/10 W, ±1%
R6,R7
80.6
Ω, 1/4 W, ±1%
R8,R9
4.7 k
Ω, 1/10 W, ±1%
R10,R11
10
Ω, 1/10 W, ±5%
R12,R13
5.1 k
Ω, 1/10 W, ±5%
R14,R26*
40.2 k
Ω, 1/10 W, ±1%
R15
243
Ω, 1/10 W, ±1%
R21
15
Ω, 1/4 W, ±1%
R28,R29
1/10 W,
±1% (See AN45 or Table 17 for value selection)
R32*
10 k
Ω, 1/10 W, ±5%
Note: Only one component per system needed.
Table 15. Si3215/Si3215M External Component Values—Discrete Solution (Continued)
R7
80.6
RRE
C7
100 nF
CRBN
Q4
5401
QTDN
C8
CTBN
100 nF
Q5
5551
QRP
R23
3.0k
RRBN0
R24
3.0k
RTBN0
Q3
5401
QRDN
R6
80.6
RTE
R12
5.1k
RRBN
R13
5.1k
RTBN
Q6
5551
QTN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com