Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI3215 Datasheet(PDF) 39 Page - Silicon Laboratories

Part # SI3215
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3215 Datasheet(HTML) 39 Page - Silicon Laboratories

Back Button SI3215 Datasheet HTML 35Page - Silicon Laboratories SI3215 Datasheet HTML 36Page - Silicon Laboratories SI3215 Datasheet HTML 37Page - Silicon Laboratories SI3215 Datasheet HTML 38Page - Silicon Laboratories SI3215 Datasheet HTML 39Page - Silicon Laboratories SI3215 Datasheet HTML 40Page - Silicon Laboratories SI3215 Datasheet HTML 41Page - Silicon Laboratories SI3215 Datasheet HTML 42Page - Silicon Laboratories SI3215 Datasheet HTML 43Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 118 page
background image
Si3215
Rev. 0.92
39
2.6. Audio Path
Unlike traditional SLICs, the codec function is integrated
into the ProSLIC. The 16-bit codec offers programmable
gain/attenuation blocks and several loop-back modes.
The signal path block diagram is shown in Figure 22.
2.6.1. Transmit Path
In the transmit path, the analog signal fed by the
external ac coupling capacitors is amplified by the
analog transmit amplifier, ATX, prior to the A/D
converter. The gain of the ATX is user-selectable to one
of mute/–3.5/0/3.5 dB options. The main role of ATX is
to coarsely adjust the signal swing to be as close as
possible to the full-scale input of the A/D converter in
order to maximize the signal-to-noise ratio of the
transmit path. After passing through an anti-aliasing
filter, the analog signal is processed by the A/D
converter, producing an 8 kHz, 16-bit wide, linear PCM
data stream. The standard requirements for transmit
path attenuation for signals above 3.4 kHz are
implemented as part of the combined decimation filter
characteristic of the A/D converter. One more digital
filter is available in the transmit path, THPF. THPF
implements the high-pass attenuation requirements for
signals below 65 Hz. The linear PCM data stream
output from THPF is amplified by the transmit-path
programmable gain amplifier, ADCG, which can be
programmed from –
∞ dB to 6 dB. The final step in the
transmit path signal processing is the user-selectable
A-law or µ-law compression, which can reduce the data
stream word width to 8 bits. Depending on the
PCM_Mode register selection, every 8-bit compressed
serial data word will occupy one time slot on the PCM
highway, or every 16-bit uncompressed serial data
word will occupy two time slots on the PCM highway.
Table 29. Associated Registers for Ring Trip Detection
Parameter
Register
Location
Ring Trip Interrupt Pending
RTIP
Direct Register 19
Ring Trip Interrupt Enable
RTIE
Direct Register 22
Ring Trip Detect Debounce Interval
RTDI[6:0]
Direct Register 70
Ring Trip Threshold
RPTP[5:0]
Indirect Register 16
Ring Trip Filter Coefficient
NRTP[12:0]
Indirect Register 23
Ring Trip Detect Status (monitor only)
RTP
Direct Register 68
Note: The ProSLIC uses registers that are both directly and indirectly mapped. A “direct” register is one that is mapped
directly. An “indirect” register is one that is accessed using the indirect access registers (direct registers 28 through
31).
Table 30. Recommended Ring Trip Values for Ringing
Ringing Frequency
NRTP
RPTP
RTDI
Hz
decimal
hex
decimal
hex
decimal
hex
16.667
64
0200
34 mA
3600
15.4 ms
0F
20
100
0320
34 mA
3600
12.3 ms
0B
30
112
0380
34 mA
3600
8.96 ms
09
40
128
0400
34 mA
3600
7.5 ms
07
50
213
06A8
34 mA
3600
5 ms
05
60
256
0800
34 mA
3600
4.8 ms
05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com